Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7870LP Datasheet(PDF) 22 Page - Analog Devices

Part # AD7870LP
Description  LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7870LP Datasheet(HTML) 22 Page - Analog Devices

Back Button AD7870LP Datasheet HTML 18Page - Analog Devices AD7870LP Datasheet HTML 19Page - Analog Devices AD7870LP Datasheet HTML 20Page - Analog Devices AD7870LP Datasheet HTML 21Page - Analog Devices AD7870LP Datasheet HTML 22Page - Analog Devices AD7870LP Datasheet HTML 23Page - Analog Devices AD7870LP Datasheet HTML 24Page - Analog Devices AD7870LP Datasheet HTML 25Page - Analog Devices AD7870LP Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
AD7870/AD7875/AD7876
Rev. C | Page 22 of 2
8
APPLICATIONS INFORMATION
Good printed circuit board (PCB) layout is as important as
the overall circuit design itself in achieving high speed analog-
to-digital performance. The designer has to be conscious of
noise both in the ADC itself and in the preceding analog
circuitry. Switching mode power supplies are not recommended
because the switching spikes feed through to the comparator
causing noisy code transitions. Other causes of concern are
ground loops and digital feedthrough from microprocessors.
These are factors which influence any ADC, and a proper
PCB layout which minimizes these effects is essential for best
performance.
LAYOUT HINTS
Ensure that the layout for the printed circuit board has the
digital and analog signal lines separated as much as possible.
Take care not to run any digital track alongside an analog signal
track. Guard (screen) the analog input with AGND.
Establish a single point analog ground (star ground) separate
from the logic system ground at the AGND pin or as close
as possible to the ADC. Connect all other grounds and the
AD7870/AD7875/AD7876 DGND to this single analog
ground point. Do not connect any other digital grounds to
this analog ground point.
Low impedance analog and digital power supply common
returns are essential to low noise operation of the ADC, so
make the foil width for these tracks as wide as possible. The
use of ground planes minimizes impedance paths and also
guards the analog circuitry from digital noise. The circuit
layout has both analog and digital ground planes which are
kept separated and only joined together at the AD7870/
AD7875/AD7876 AGND pin.
NOISE
Keep the input signal leads to VIN and signal return leads from
AGND as short as possible to minimize input noise coupling.
In applications where this is not possible, use a shielded cable
between the source and the ADC. Reduce the ground circuit
impedance as much as possible since any potential difference
in grounds between the signal source and the ADC appears as
an error voltage in series with the input signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com