Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ64GP804 Datasheet(PDF) 21 Page - Microchip Technology

Part # DSPIC33FJ64GP804
Description  16-bit Digital Signal Controllers (up to 128 KB Flash and 16K SRAM) with Advanced Analog
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP804 Datasheet(HTML) 21 Page - Microchip Technology

Back Button DSPIC33FJ64GP804 Datasheet HTML 17Page - Microchip Technology DSPIC33FJ64GP804 Datasheet HTML 18Page - Microchip Technology DSPIC33FJ64GP804 Datasheet HTML 19Page - Microchip Technology DSPIC33FJ64GP804 Datasheet HTML 20Page - Microchip Technology DSPIC33FJ64GP804 Datasheet HTML 21Page - Microchip Technology DSPIC33FJ64GP804 Datasheet HTML 22Page - Microchip Technology DSPIC33FJ64GP804 Datasheet HTML 23Page - Microchip Technology DSPIC33FJ64GP804 Datasheet HTML 24Page - Microchip Technology DSPIC33FJ64GP804 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 436 page
background image
© 2007-2012 Microchip Technology Inc.
DS70292G-page 21
dsPIC33FJ32GP302/304, dsPIC33FJ64GPX02/X04, AND dsPIC33FJ128GPX02/X04
2.5
ICSP Pins
The PGECx and PGEDx pins are used for In-Circuit
Serial Programming™ (ICSP™) and debugging pur-
poses. It is recommended to keep the trace length
between the ICSP connector and the ICSP pins on the
device as short as possible. If the ICSP connector is
expected to experience an ESD event, a series resistor
is recommended, with the value in the range of a few
tens of Ohms, not to exceed 100 Ohms.
Pull-up resistors, series diodes, and capacitors on the
PGECx and PGEDx pins are not recommended as they
will interfere with the programmer/debugger communi-
cations to the device. If such discrete components are
an application requirement, they should be removed
from the circuit during programming and debugging.
Alternatively, refer to the AC/DC characteristics and
timing requirements information in the respective
device Flash programming specification for information
on capacitive loading limits and pin input voltage high
(VIH) and input low (VIL) requirements.
Ensure that the “Communication Channel Select” (i.e.,
PGECx/PGEDx pins) programmed into the device
matches the physical connections for the ICSP to
MPLAB® ICD 3 or MPLAB REAL ICE™.
For more information on ICD 3 and REAL ICE
connection requirements, refer to the following
documents that are available on the Microchip website.
• “Using MPLAB® ICD 3 In-Circuit Debugger”
(poster) DS51765
• “MPLAB® ICD 3 Design Advisory” DS51764
• “MPLAB® REAL ICE™ In-Circuit Emulator User’s
Guide” DS51616
• “Using MPLAB® REAL ICE™” (poster) DS51749
2.6
External Oscillator Pins
Many DSCs have options for at least two oscillators: a
high-frequency primary oscillator and a low-frequency
secondary oscillator (refer to Section 9.0 “Oscillator
Configuration” for details).
The oscillator circuit should be placed on the same
side of the board as the device. Also, place the
oscillator circuit close to the respective oscillator pins,
not exceeding one-half inch (12 mm) distance
between them. The load capacitors should be placed
next to the oscillator itself, on the same side of the
board. Use a grounded copper pour around the
oscillator circuit to isolate them from surrounding
circuits. The grounded copper pour should be routed
directly to the MCU ground. Do not run any signal
traces or power traces inside the ground pour. Also, if
using a two-sided board, avoid any traces on the
other side of the board where the crystal is placed. A
suggested
layout
is
shown
in
Figure 2-3.
Recommendations
for
crystals
and
ceramic
resonators are provided in Table 2-1 and Table 2-2,
respectively.
FIGURE 2-3:
SUGGESTED PLACEMENT
OF THE OSCILLATOR
CIRCUIT
TABLE 2-1:
CRYSTAL RECOMMENDATIONS
13
Main Oscillator
Guard Ring
Guard Trace
Secondary
Oscillator
14
15
16
17
18
19
20
Part
Number
Vendor
Freq.
Load
Cap.
Package
Case
Frequency
Tolerance
Mounting
Type
Operating
Temperature
ECS-40-20-4DN
ECS Inc.
4 MHz
20 pF
HC49/US
±30 ppm
TH
-40°C to +85°C
ECS-80-18-4DN
ECS Inc.
8 MHz
18 pF
HC49/US
±30 ppm
TH
-40°C to +85°C
ECS-100-18-4-DN
ECS Inc.
10 MHz
18 pF
HC49/US
±30 ppm
TH
-40°C to +85°C
ECS-200-20-4DN
ECS Inc.
20 MHz
20 pF
HC49/US
±30 ppm
TH
-40°C to +85°C
ECS-40-20-5G3XDS-TR
ECS Inc.
4 MHz
20 pF
HC49/US
±30 ppm
SM
-40°C to +125°C
ECS-80-20-5G3XDS-TR
ECS Inc.
8 MHz
20 pF
HC49/US
±30 ppm
SM
-40°C to +125°C
ECS-100-20-5G3XDS-TR ECS Inc.
10 MHz
20 pF
HC49/US
±30 ppm
SM
-40°C to +125°C
ECS-200-20-5G3XDS-TR ECS Inc.
20 MHz
20 pF
HC49/US
±30 ppm
SM
-40°C to 125°C
NX3225SA 20MHZ AT-W NDK
20 MHz
8 pF
3.2 mm x 2.5 mm
±50 ppm
SM
-40°C to 125°C
Legend:
TH = Through Hole
SM = Surface Mount



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com