Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ64GP804 Datasheet(PDF) 35 Page - Microchip Technology

Part # DSPIC33FJ64GP804
Description  16-bit Digital Signal Controllers (up to 128 KB Flash and 16K SRAM) with Advanced Analog
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP804 Datasheet(HTML) 35 Page - Microchip Technology

Back Button DSPIC33FJ64GP804 Datasheet HTML 31Page - Microchip Technology DSPIC33FJ64GP804 Datasheet HTML 32Page - Microchip Technology DSPIC33FJ64GP804 Datasheet HTML 33Page - Microchip Technology DSPIC33FJ64GP804 Datasheet HTML 34Page - Microchip Technology DSPIC33FJ64GP804 Datasheet HTML 35Page - Microchip Technology DSPIC33FJ64GP804 Datasheet HTML 36Page - Microchip Technology DSPIC33FJ64GP804 Datasheet HTML 37Page - Microchip Technology DSPIC33FJ64GP804 Datasheet HTML 38Page - Microchip Technology DSPIC33FJ64GP804 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 436 page
background image
© 2007-2012 Microchip Technology Inc.
DS70292G-page 35
dsPIC33FJ32GP302/304, dsPIC33FJ64GPX02/X04, AND dsPIC33FJ128GPX02/X04
4.0
MEMORY ORGANIZATION
The dsPIC33FJ32GP302/304, dsPIC33FJ64GPX02/
X04, and dsPIC33FJ128GPX02/X04 architecture
features separate program and data memory spaces
and buses. This architecture also allows the direct
access of program memory from the data space during
code execution.
4.1
Program Address Space
The program address memory space of the
dsPIC33FJ32GP302/304, dsPIC33FJ64GPX02/X04,
and
dsPIC33FJ128GPX02/X04
devices
is
4M
instructions. The space is addressable by a 24-bit
value derived either from the 23-bit Program Counter
(PC) during program execution, or from table operation
or data space remapping as described in Section 4.8
“Interfacing Program and Data Memory Spaces”.
User application access to the program memory space
is restricted to the lower half of the address range
(0x000000 to 0x7FFFFF). The exception is the use of
TBLRD/TBLWT operations, which use TBLPAG<7> to
permit access to the Configuration bits and Device ID
sections of the configuration memory space.
The memory map for the dsPIC33FJ32GP302/304,
dsPIC33FJ64GPX02/X04, and dsPIC33FJ128GPX02/
X04 devices is shown in Figure 4-1.
FIGURE 4-1:
PROGRAM MEMORY MAP FOR dsPIC33FJ32GP302/304, dsPIC33FJ64GPX02/
X04, AND dsPIC33FJ128GPX02/X04 DEVICES
Note:
This data sheet summarizes the features
of
the
dsPIC33FJ32GP302/304,
dsPIC33FJ64GPX02/X04,
and
dsPIC33FJ128GPX02/X04
families
of
devices. It is not intended to be a
comprehensive reference source. To
complement the information in this data
sheet, refer to Section 4. “Program
Memory” (DS70203) of the “dsPIC33F/
PIC24H Family Reference Manual”, which
is available from the Microchip website
(www.microchip.com).
Reset Address
0x000000
0x0000FE
0x000002
0x000100
Device Configuration
User Program
Flash Memory
(11264 instructions)
0x800000
0xF80000
Registers
0xF80017
0xF80018
DEVID (2)
0xFEFFFE
0xFF0000
0xFF0002
0xF7FFFE
Unimplemented
(Read ‘0’s)
GOTO Instruction
0x000004
Reserved
0x7FFFFE
Reserved
0x000200
0x0001FE
0x000104
Alternate Vector Table
Reserved
Interrupt Vector Table
dsPIC33FJ32GP302/304
Note:
Memory areas are not shown to scale.
Reset Address
Device Configuration
User Program
Flash Memory
(22016 instructions)
Registers
DEVID (2)
Unimplemented
(Read ‘0’s)
GOTO Instruction
Reserved
Reserved
Alternate Vector Table
Reserved
Interrupt Vector Table
dsPIC33FJ64GPX02/X04
Reset Address
Device Configuration
User Program
Flash Memory
(44032 instructions)
Registers
DEVID (2)
Unimplemented
(Read ‘0’s)
GOTO Instruction
Reserved
Reserved
Alternate Vector Table
Reserved
Interrupt Vector Table
dsPIC33FJ128GPX02/X04
0x0057FE
0x005800
0x015800
0x0157FE
0x00AC00
0x00ABFE
Reserved
Reserved
Reserved
0xFFFFFE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com