Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FLEX8000 Datasheet(PDF) 49 Page - Altera Corporation

Part # FLEX8000
Description  Programmable Logic Device Family
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

FLEX8000 Datasheet(HTML) 49 Page - Altera Corporation

Back Button FLEX8000 Datasheet HTML 45Page - Altera Corporation FLEX8000 Datasheet HTML 46Page - Altera Corporation FLEX8000 Datasheet HTML 47Page - Altera Corporation FLEX8000 Datasheet HTML 48Page - Altera Corporation FLEX8000 Datasheet HTML 49Page - Altera Corporation FLEX8000 Datasheet HTML 50Page - Altera Corporation FLEX8000 Datasheet HTML 51Page - Altera Corporation FLEX8000 Datasheet HTML 52Page - Altera Corporation FLEX8000 Datasheet HTML 53Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 62 page
background image
Altera Corporation
49
FLEX 8000 Programmable Logic Device Family Data Sheet
3
Table 46. EPF81500A I/O Element Timing Parameters
Symbol
Speed Grade
Unit
A-2
A-3
A-4
Min
Max
Min
Max
Min
Max
tIOD
0.7
0.8
0.9
ns
tIOC
1.7
1.8
1.9
ns
tIOE
1.7
1.8
1.9
ns
tIOCO
1.0
1.0
1.0
ns
tIOCOMB
0.3
0.2
0.1
ns
tIOSU
1.4
1.6
1.8
ns
tIOH
0.0
0.0
0.0
ns
tIOCLR
1.2
1.2
1.2
ns
tIN
1.5
1.6
1.7
ns
tOD1
1.1
1.4
1.7
ns
tOD2
1.6
1.9
2.2
ns
tOD3
4.6
4.9
5.2
ns
tXZ
1.4
1.6
1.8
ns
tZX1
1.4
1.6
1.8
ns
tZX2
1.9
2.1
2.3
ns
tZX3
4.9
5.1
5.3
ns
Table 47. EPF81500A Interconnect Timing Parameters
Symbol
Speed Grade
Unit
A-2
A-3
A-4
MinMax
MinMax
MinMax
t LABCASC
0.3
0.3
0.4
ns
t LABCARRY
0.3
0.3
0.4
ns
t LOCAL
0.5
0.6
0.8
ns
t ROW
6.2
6.2
6.2
ns
t COL
3.0
3.0
3.0
ns
t DIN_C
5.0
5.0
5.5
ns
t DIN_D
8.2
8.2
8.7
ns
t DIN_IO
5.0
5.0
5.5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com