Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FLEX8000 Datasheet(PDF) 39 Page - Altera Corporation

Part # FLEX8000
Description  Programmable Logic Device Family
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

FLEX8000 Datasheet(HTML) 39 Page - Altera Corporation

Back Button FLEX8000 Datasheet HTML 35Page - Altera Corporation FLEX8000 Datasheet HTML 36Page - Altera Corporation FLEX8000 Datasheet HTML 37Page - Altera Corporation FLEX8000 Datasheet HTML 38Page - Altera Corporation FLEX8000 Datasheet HTML 39Page - Altera Corporation FLEX8000 Datasheet HTML 40Page - Altera Corporation FLEX8000 Datasheet HTML 41Page - Altera Corporation FLEX8000 Datasheet HTML 42Page - Altera Corporation FLEX8000 Datasheet HTML 43Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 62 page
background image
Altera Corporation
39
FLEX 8000 Programmable Logic Device Family Data Sheet
3
Table 26. EPF8282AV I/O Element Timing Parameters
Symbol
Speed Grade
Unit
A-3
A-4
Min
Max
Min
Max
tIOD
0.9
2.2
ns
tIOC
1.9
2.0
ns
tIOE
1.9
2.0
ns
tIOCO
1.0
2.0
ns
tIOCOMB
0.1
0.0
ns
tIOSU
1.8
2.8
ns
tIOH
0.0
0.2
ns
tIOCLR
1.2
2.3
ns
tIN
1.7
3.4
ns
tOD1
1.7
4.1
ns
tOD2
––
ns
tOD3
5.2
7.1
ns
tXZ
1.8
4.3
ns
tZX1
1.8
4.3
ns
tZX2
––
ns
tZX3
5.3
8.3
ns
Table 27. EPF8282AV Interconnect Timing Parameters
Symbol
Speed Grade
Unit
A-3
A-4
Min
Max
Min
Max
tLABCASC
0.4
1.3
ns
tLABCARRY
0.4
0.8
ns
tLOCAL
0.8
1.5
ns
tROW
4.2
6.3
ns
tCOL
2.5
3.8
ns
tDIN_C
5.5
8.0
ns
tDIN_D
7.2
10.8
ns
tDIN_IO
5.5
9.0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com