Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XVC6B3K Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # XVC6B3K
Description  tower light 60 mm 24 V steady LED - green/ orange/red
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

XVC6B3K Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  XVC6B3K Datasheet HTML 1Page - List of Unclassifed Manufacturers XVC6B3K Datasheet HTML 2Page - List of Unclassifed Manufacturers XVC6B3K Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Product data sheet
Dimensions Drawings
XVC6B3K
Pre-assembled and Pre-wired Tower Light
Dimensions
Below drawing shows the maximum configuration of the product. Select the number of stages according to the product characteristics in
order to get b dimension.
No. of illuminated units
b (mm)
b (in.)
1 stage
120.8
4.76
2 stages
160.8
6.33
3 stages
200.8
7.90
4 stages
240.8
9.48
5 stages
280.8
11.06



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com