Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XVC6B3K Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # XVC6B3K
Description  tower light 60 mm 24 V steady LED - green/ orange/red
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

XVC6B3K Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  XVC6B3K Datasheet HTML 1Page - List of Unclassifed Manufacturers XVC6B3K Datasheet HTML 2Page - List of Unclassifed Manufacturers XVC6B3K Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Sep 9, 2011
1
Product data sheet
Characteristics
XVC6B3K
tower light 60 mm 24 V steady LED - green/
orange/red
Main
Range of product
Harmony XVC6
Product or component
type
Complete pre-wired monolithic tower light
Beacon or indicator
bank unit type
3 illuminated units
Sound signalling
Without
Mounting diameter
60 mm
Component name
XVC
Light source
Green LED steady
Orange LED steady
Red LED steady
[Us] rated supply volt-
age
24 V
Supply circuit type
AC/DC
Complementary
Material
Polycarbonate (illuminated unit)
ABS (acrylonitrile butadiene-styrene) (base unit)
PBT + ABS (UL94HB) (top cover)
Product mounting
On base
Cable cross section
0.33 mm²
AWG gauge
22
Cable length
850 mm
Marking
CE
[Uimp] rated impulse withstand voltage
0.8 kV
Current consumption
75 mA
Flashing frequency
1 Hz
Product weight
0.3 kg
Height
200.8 mm
Environment
Standards
EN/IEC 61000-6-2
EN/IEC 61000-6-3
EN/IEC 61000-6-4
Product certifications
UL
Protective treatment
TC
Ambient air temperature for storage
-35...70 °C
Ambient air temperature for operation
-10...50 °C
Class of protection against electric shock
Class II conforming to EN/IEC 61140
IP degree of protection
IP54 in flat surface installation conforming to EN/IEC 60529
RoHS EUR status
Compliant
RoHS EUR conformity date
0808


Similar Part No. - XVC6B3K

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XVC6B25S SCHNEIDER-XVC6B25S Datasheet
83Kb / 4P
Tower Lights
Jan 12, 2022
XVC6B45S SCHNEIDER-XVC6B45S Datasheet
83Kb / 4P
Harmony XVC
Jan 13, 2022
XVC6B5 SCHNEIDER-XVC6B5 Datasheet
86Kb / 4P
Harmony XVC
Jan 13, 2022
More results

Similar Description - XVC6B3K

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XVBL0M5 SCHNEIDER-XVBL0M5 Datasheet
118Kb / 4P
Complete beacon, Harmony XVB Universal, 횠 70 mm tower light, steady, orange, IP65, 230 V
May 24, 2021
XVC4M5 SCHNEIDER-XVC4M5 Datasheet
84Kb / 4P
Monolithic tower light, red-orange-green-blueclear, 40mm, tube mounting, steady, without buzzer, IP23, 100??40 V AC
May 24, 2021
XVC4B55S SCHNEIDER-XVC4B55S Datasheet
82Kb / 4P
Monolithic tower light, red-orange-green-blue 40mm, tube mounting, steady or flashing light, with buzzer 70??5 dB, IP23, 24 V AC DC
May 24, 2021
XVC4B5 SCHNEIDER-XVC4B5 Datasheet
83Kb / 4P
Complete pre wired monolithic tower light, Harmony XVC, red orange green blue clear, 40 mm, tube mounting, steady, without buzzer, IP23, 24 V AC DC
May 24, 2021
XVC4B4K SCHNEIDER-XVC4B4K Datasheet
99Kb / 4P
Complete pre wired monolithic tower light, Harmony XVC, red orange green blue, 40 mm, base mounting, steady, without buzzer, IP54, 24 V AC DC
May 24, 2021
XVC4B4 SCHNEIDER-XVC4B4 Datasheet
84Kb / 4P
Complete pre wired monolithic tower light, Harmony XVC, red orange green blue, 40 mm, tube mounting, steady, without buzzer, IP23, 24 V AC DC
May 24, 2021
XVC4B3K SCHNEIDER-XVC4B3K Datasheet
98Kb / 4P
XVA, Monolithic tower light, red-orange-green, 횠40, base mounting, steady, without buzzer, IP54, 24 V AC/DC
May 24, 2021
XVC4B3 SCHNEIDER-XVC4B3 Datasheet
85Kb / 4P
XVA, Monolithic tower light, red-orange-green, 횠40, tube mounting, steady, without buzzer, IP23, 24 V AC/DC
May 24, 2021
XVC4B2K SCHNEIDER-XVC4B2K Datasheet
104Kb / 4P
Complete pre wired monolithic tower light, Harmony XVC, red orange, 40 mm, base mounting, steady, without buzzer, IP54, 24 V AC DC
May 24, 2021
XVC4B2 SCHNEIDER-XVC4B2 Datasheet
84Kb / 4P
Complete pre wired monolithic tower light, Harmony XVC, red orange, 40 mm, tube mounting, steady, without buzzer, IP23, 24 V AC DC
May 24, 2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com