Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1A3400-09-R Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # 1A3400-09-R
Description  Fuse Clips for Printed Circuit Boards For ATC, 5mm, 횣쩍짖쨌 & 횣횥쩍짙짧쨌 Diameter Fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

1A3400-09-R Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  1A3400-09-R Datasheet HTML 1Page - Cooper Bussmann, Inc. 1A3400-09-R Datasheet HTML 2Page - Cooper Bussmann, Inc. 1A3400-09-R Datasheet HTML 3Page - Cooper Bussmann, Inc. 1A3400-09-R Datasheet HTML 4Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
6-30-04
SB04208
.280"
(7.11mm)
.102"
(2.6mm)
.155"
(3.94mm)
.255"
(6.5mm)
.410"
(10.4mm)
.060"
(1.5mm)
.150"
(3.81mm)
.320"
(8.13mm)
.245"
(6.2mm)
.226"
(5.74mm)
.321"
(8.15mm)
.280"
(7.11mm)
.102"
(2.6mm)
.155"
(3.94mm)
.255"
(6.5mm)
.410"
(10.4mm)
.060"
(1.5mm)
.150"
(3.81mm)
.320"
(8.13mm)
.245"
(6.2mm)
.226"
(5.79mm)
.321"
(8.20mm)
Fuse Clips for Printed Circuit Boards
1AXXXX
For ATC, 5mm, ⁄Ω¢∑ & ⁄‹Ω£™∑ Diameter Fuses
Series
Form No. 1AXXXX Series
Page 1 of 4
Data Sheet: 2131
Bussmann®
Dimensional Data
Catalog
Clip
Number
Mat.*
Finish
1A1907-02
Cart. Brass
None Bright
Dipped
1A1907-03
BeCu**
Bright Tin
1A1907-05
BeCu**
Silver
1A1907-06
Cart. Brass
Bright Tin
1A1907 Series
For ⁄Ω¢∑ Diameter Fuses
With End Stops & Straight Leads
.245"
(6.2mm)
.280"
(7.1mm)
.280"
(7.1mm)
.155"
(3.94mm)
.410"
(10.4mm)
.140"
(3.6mm)
.060"
(1.5mm)
.320"
(8.13mm)
.102" Dia.
(2.6mm)
.255"
(6.5mm)
Dimensional Data
Catalog
Clip
Number
Mat.*
Finish
1A3398-07
Cart. Brass
Bright Tin
1A3398 Series
For ⁄Ω¢∑ Diameter Fuses
Without End Stops & Straight Leads
.280"
(7.1mm)
.280"
(7.1mm)
.155"
(3.94mm)
.410"
(10.4mm)
.140"
(3.6mm)
.060"
(1.5mm)
.320"
(8.13mm)
.102" Dia.
(2.6mm)
.255"
(6.5mm)
*Spg. Br. - Spring Bronze; BeCu - Beryllium Copper; Cart. Brass - Cartridge Brass
**Beryllium copper recommended for currents higher than 15 amps (⁄Ω¢∑ clips).
Dimensional Data
Catalog
Clip
Number
Mat.*
Finish
1A4534-01
BeCu**
Bright Tin
1A4534-06
Cart. Brass
Bright Tin
1A4534 Series
For ⁄Ω¢∑ Diameter Fuses
With End Stops & Angled Out Leads
Dimensional Data
Catalog
Clip
Number
Mat.*
Finish
1A4533-01
BeCu**
Bright Tin
1A4533-06
Cart. Brass
Bright Tin
1A4533 Series
For ⁄Ω¢∑ Diameter Fuses
Without End Stops & Angled Out Leads


Similar Part No. - 1A3400-09-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
1A3400-09-R EATON-1A3400-09-R Datasheet
480Kb / 4P
PCB Fuse-clips for ATC/ATM Blade, 5 mm
More results

Similar Description - 1A3400-09-R

ManufacturerPart #DatasheetDescription
logo
Littelfuse
354 LITTELFUSE-354 Datasheet
100Kb / 1P
Fuse Blocks and Clips - For 3AG Fuses
102071 LITTELFUSE-102071 Datasheet
530Kb / 3P
Fuse Blocks and Clips - For 1/4 Diameter Fuses
logo
List of Unclassifed Man...
1A4533-01 ETC1-1A4533-01 Datasheet
102Kb / 4P
Fuse Clips for Printed Circuit Boards For ATC, 5mm, 1/4 and 13/32 Diameter Fuses
logo
Littelfuse
05200001M LITTELFUSE-05200001M Datasheet
549Kb / 1P
Fuse Clips P.C. Board Type > For 5mm Diameter Fuses > 100/445/030/520 Series
logo
Cooper Bussmann, Inc.
1A1119-04 COOPER-1A1119-04 Datasheet
430Kb / 4P
PCB Fuse Clips for ATC/ATM Blade 5mm 1/4 & 13/32 Diameter Fuses
1A1119-04 COOPER-1A1119-04_13 Datasheet
541Kb / 4P
PCB Fuse Clips for ATC/ATM Blade, 5mm, 1/4??& 13/32??Diameter Fuses
logo
Eaton All Rights Reserv...
1AXXXX EATON-1AXXXX Datasheet
480Kb / 4P
PCB Fuse-clips for ATC/ATM Blade, 5 mm
logo
Littelfuse
01000054Z LITTELFUSE-01000054Z_V01 Datasheet
334Kb / 2P
100/445/030/520 Series Circuit Board Mount Fuse Clips for 5mm Diameter Fuses
Revised: GD. 04/13/22
01020071 LITTELFUSE-01020071_V01 Datasheet
890Kb / 2P
102/122 Series Circuit Board Mount Fuse Clips for 1/4??Diameter Fuses
Revised: 01/14/19
52000001009 LITTELFUSE-52000001009_V01 Datasheet
874Kb / 1P
520/521/102071 Series Circuit Board Mount Fuse Clips for 5mm & 6.3mm Diameter Fuses
Revised: 02/16/15
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com