Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1A3400-09-R Datasheet(PDF) 4 Page - Cooper Bussmann, Inc.

Part # 1A3400-09-R
Description  Fuse Clips for Printed Circuit Boards For ATC, 5mm, 횣쩍짖쨌 & 횣횥쩍짙짧쨌 Diameter Fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

1A3400-09-R Datasheet(HTML) 4 Page - Cooper Bussmann, Inc.

  1A3400-09-R Datasheet HTML 1Page - Cooper Bussmann, Inc. 1A3400-09-R Datasheet HTML 2Page - Cooper Bussmann, Inc. 1A3400-09-R Datasheet HTML 3Page - Cooper Bussmann, Inc. 1A3400-09-R Datasheet HTML 4Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Dimensions
A
ATC
ATM
Catalog
‡Ω•∑
1∑
1⁄Ω¢∑
1‹Ω•∑
1⁄Ω™∑
B
C
Board
Number
(22.2mm)
(25.4mm)
(31.8mm)
(34.93mm)
(38.10mm
20mm
——
Tabs
(4 holes)
Thickness
1A5778-
—
—
—
—
—
—
—
.464”
.144”
.065∑ ± .002∑
.062∑
(11.79)
(3.66)
(1.65 ± .05)
(1.57)
1A5779-
—
—
—
—
—
—
—
.464”
.144”
.065∑ ± .002∑
.062∑
(11.79)
(3.66)
(1.65 ± .05)
(1.57)
1A5780-
—
—
—
—
—
—
.560
—
.200”
.100∑ ± .002∑
.062∑
(14.22)
( 5.08)
(2.54 ± .05)
(1.57)
1A3398-
1.00∑
1.125∑
1.375∑
—
—
—
—
—
295∑- .305∑
.067∑ - .070∑
.093∑
1A1907-
(25.40)
(28.58)
(34.920)
(7.49 - 7.75)
(1.70 - 1.78)
(2.36)
1A1119-
1.00∑
1.125∑
1.375∑
—
—
—
—
—
.295∑ - .305∑
.093∑ ± .002∑
.062∑ to .125∑
(25.40)
(28.58)
(34.92)
(7.49- 7.75)
(2.36 ± .05)
(1.57 to 3.18)
1A1120-
1.00∑
1.125∑
1.375∑
—
—
—
—
—
.295∑- .305∑
.093∑ ± .002∑
.062∑ to .125∑
(25.40)
(28.58)
(34.920)
(7.49 - 7.75)
(2.36 ± .05)
(1.57 to 3.18)
1A3399-
—
—
—
—
—
.875∑
—
—
.200∑
.067∑ - .070∑
093”
(22.23)
(5.08)
(1.70 - 1.78)
(2.36)
1A3400-
—
—
—
1.50∑
1.625∑
—
—
—
.405∑
.091∑ - .095∑
.125∑
(38.10)
(41.28)
(10.29)
(2.31 - 2.41)
(3.18)
1A4533-
1.00∑
1.125∑
1.375∑
—
—
—
—
—
.300∑
.067∑ - .070∑
.062∑
(25.40)
(28.58)
(34.920)
(7.62)
(1.70 - 1.78)
(1.57)
1A4534-
1.00∑
1.125∑
1.375∑
—
—
—
—
—
.300∑
.067∑ - .070∑
.062∑
(25.40)
(28.58)
(34.920)
(7.62)
(1.70 - 1.78)
(1.57)
1A5018-
—
—
—
—
—
.820∑ ± .015∑
—
—
.180∑
.053∑ - .002∑
.093∑
(20.80 ± .38)
(4.6)
(1.35 - 0.05)
(2.36)
1A5600-
—
—
—
—
—
—
—
—
.200∑
.052∑ ± .003∑
.125∑ max.
(5.08)
(1.32 ± .077)
(3.18)
1A5601-
—
—
—
—
—
.820∑ ± .015∑
—
—
.266∑
.067∑ ± .003∑
.062∑
(20.80 ± .38)
(6.76)
(1.70 ± .074)
(1.57)
1A5602-
—
—
—
—
—
—
—
—
.220∑
.125∑ max.
(5.588)
(3.175)
Fuse Clips for Printed Circuit Boards
1AXXXX
For ATC, 5mm, ⁄Ω¢∑ & ⁄‹Ω£™∑ Diameter Fuses
Series
Form No. 1AXXXX Series
Page 4 of 4
Data Sheet: 2131
Bussmann®
The only controlled copy of this Data Sheet is the electronic read-only version located on the Bussmann Network Drive. All other copies of this document are by definition uncontrolled. This bulletin is
intended to clearly present comprehensive product data and provide technical information that will help the end user with design applications. Bussmann reserves the right, without notice, to change
design or construction of any products and to discontinue or limit distribution of any products. Bussmann also reserves the right to change or update, without notice, any technical information con-
tained in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications.
*Spg. Br. - Spring Bronze; BeCu - Beryllium Copper; Cart. Brass - Cartridge Brass
**Beryllium copper recommended for currents higher than 15 amps (⁄Ω¢∑ clips).
Footprint
Dimensional Data
A
B
B
C
Fuse Clip Catalog Numbers
6-30-04
SB04208



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com