Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2221 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # P2221
Description  Passive 1x/10x Voltage Probe
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

P2221 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  P2221 Datasheet HTML 1Page - List of Unclassifed Manufacturers P2221 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
10X
1x
Maximum input voltage
300 V Cat II
150 V Cat II
Maximum voltage between reference
lead and earth ground
30 VRMS 1
30 VRMS 1
Ordering Information
P2220
Passive Probe, 1x/10x, 200 MHz Passive Voltage Probe
Includes retractable hook tip (013-0107-xx), 6-inch ground lead (196-3466-xx), adjustment tool (003-1433-xx), marker band set
(016-1315-xx), instruction manual (071-1464-xx). 2
P2221
Passive Probe, 1x/10x, 200 MHz Passive Voltage Probe for MSO/DPO2000 Series oscilloscopes
Includes retractable hook tip (013-0107-xx), 6-inch ground lead (196-3466-xx), adjustment tool (003-1433-xx), marker band set
(016-1315-xx), instruction manual (071-2335-xx). 2
1
The float voltage must be subtracted from the tip to earth ground voltage. For example, if the reference lead is floated to 30 V RMS while the probe is in the 10x position, the tip voltage to the reference lead is
limited to 270 V RMS.
2
The accessory quantities may differ when multiple probes are shipped with an oscilloscope/probe system.
Datasheet
ASEAN / Australasia (65) 6356 3900
Austria 00800 2255 4835*
Balkans, Israel, South Africa and other ISE Countries +41 52 675 3777
Belgium 00800 2255 4835*
Brazil +55 (11) 3759 7627
Canada 1 800 833 9200
Central East Europe and the Baltics +41 52 675 3777
Central Europe & Greece +41 52 675 3777
Denmark +45 80 88 1401
Finland +41 52 675 3777
France 00800 2255 4835*
Germany 00800 2255 4835*
Hong Kong 400 820 5835
India 000 800 650 1835
Italy 00800 2255 4835*
Japan 81 (3) 6714 3010
Luxembourg +41 52 675 3777
Mexico, Central/South America & Caribbean 52 (55) 56 04 50 90
Middle East, Asia, and North Africa +41 52 675 3777
The Netherlands 00800 2255 4835*
Norway 800 16098
People's Republic of China 400 820 5835
Poland +41 52 675 3777
Portugal 80 08 12370
Republic of Korea 001 800 8255 2835
Russia & CIS +7 (495) 6647564
South Africa +41 52 675 3777
Spain 00800 2255 4835*
Sweden 00800 2255 4835*
Switzerland 00800 2255 4835*
Taiwan 886 (2) 2722 9622
United Kingdom & Ireland 00800 2255 4835*
USA 1 800 833 9200
* European toll-free number. If not accessible, call: +41 52 675 3777
Updated 10 April 2013
For Further Information. Tektronix maintains a comprehensive, constantly expanding collection of application notes, technical briefs and other resources to help engineers working on the cutting edge of technology. Please visit www.tektronix.com.
Copyright © Tektronix, Inc. All rights reserved. Tektronix products are covered by U.S. and foreign patents, issued and pending. Information in this publication supersedes that in all previously published material. Specification and price
change privileges reserved. TEKTRONIX and TEK are registered trademarks of Tektronix, Inc. All other trade names referenced are the service marks, trademarks, or registered trademarks of their respective companies.
19 Apr 2013
51W-17984-2
www.tektronix.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com