Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2221 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # P2221
Description  Passive 1x/10x Voltage Probe
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

P2221 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  P2221 Datasheet HTML 1Page - List of Unclassifed Manufacturers P2221 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Passive 1x/10x Voltage Probe
P2220 P2221 Datasheet
Tektronix passive probe solutions provide high reliability and testing
accuracy for basic oscilloscope measurements. The P2220 and P2221 are
compact passive probes with selectable 1X/10X attenuation designed for
use with selected Tektronix oscilloscopes.
Key features
1x/10x attenuation
200 MHz bandwidth
1.5 m length
UL3111-1, CSA1010.1, EN61010-1, EN61010-2-031, and
IEC61010-2-031
Applications
Relative low-frequency measurements
Low-frequency computer and telecom measurements
Power supplies
Low-frequency amplifiers
P2220 P2221 passive voltage probes
The P2220 and P2221, 200 MHz passive voltage probes permit selection of
1x or 10x attenuation, using a switch located on the probe head.
The P2220 probe is compatible with TDS200, TDS1000, TDS1000B,
TDS2000, TDS2000B, and TPS2000 Series oscilloscopes. The P2220
probe also provides floating measurement capability up to 30 VRMS with
TPS2000 Series oscilloscopes only. (Note: Do not float with TDS2000,
TDS2000B, TDS1000, TDS1000B, or TDS200 Series oscilloscopes.)
The P2221 is compatible with MSO2000 and DPO2000 Series
oscilloscopes.
Specifications
Specifications apply to both probes unless indicated otherwise.
10X
1x
Bandwidth
DC to 200 MHz
DC to 6 MHz
Probe length
1.5 m
1.5 m
Attentuation ratio
10:1
1:1
Compensation range
All oscilloscopes with 1 MΩ input
P2220
15 to 25 pF
P2221
10 to 25 pF
Input capacitance
17.0 pF
110 pF
Input resistance
10 MΩ
1 MΩ


Similar Part No. - P2221

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
P2221 TEKTRONIX-P2221 Datasheet
220Kb / 4P
Passive 1x/10x Voltage Probe
P2221 TEKTRONIX-P2221 Datasheet
13Mb / 30P
2 Series MSO Mixed Signal Oscilloscope Datasheet
16 Sep 2022
More results

Similar Description - P2221

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6491 POMONA-6491 Datasheet
118Kb / 1P
Modular Passive Oscilloscope Probe
6493 POMONA-6493 Datasheet
114Kb / 1P
Modular Passive Oscilloscope Probe
6495 POMONA-6495 Datasheet
119Kb / 1P
Modular Passive Oscilloscope Probe
6499 POMONA-6499 Datasheet
116Kb / 1P
Modular Passive Oscilloscope Probe
6500 POMONA-6500 Datasheet
125Kb / 1P
Modular Passive Oscilloscope Probe
logo
Keysight Technologies
J7523A KEYSIGHT-J7523A Datasheet
1Mb / 8P
Cellular Passive Probe
logo
TEKTRONIX, INC.
P2220 TEKTRONIX-P2220 Datasheet
220Kb / 4P
Passive 1x/10x Voltage Probe
TPP0200 TEKTRONIX-TPP0200 Datasheet
190Kb / 4P
Passive 10X Voltage Probe
TPP0100 TEKTRONIX-TPP0100 Datasheet
189Kb / 4P
Passive 10X Voltage Probe
TPP0051 TEKTRONIX-TPP0051 Datasheet
190Kb / 4P
Passive 10X Voltage Probe
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com