Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP38115DQ Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP38115DQ
Description  Ultra Low Voltage, 4A, 5.5V Synchronous Step-Down Switching Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP38115DQ Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP38115DQ Datasheet HTML 1Page - Monolithic Power Systems MP38115DQ Datasheet HTML 2Page - Monolithic Power Systems MP38115DQ Datasheet HTML 3Page - Monolithic Power Systems MP38115DQ Datasheet HTML 4Page - Monolithic Power Systems MP38115DQ Datasheet HTML 5Page - Monolithic Power Systems MP38115DQ Datasheet HTML 6Page - Monolithic Power Systems MP38115DQ Datasheet HTML 7Page - Monolithic Power Systems MP38115DQ Datasheet HTML 8Page - Monolithic Power Systems MP38115DQ Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MP38115 – 4A, 5.5V SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR
MP38115 Rev. 0.92
www.MonolithicPower.com
5
8/11/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
FUNCTIONAL DESCRIPTION
PWM Control
The MP38115 is a constant frequency peak-
current-mode control PWM switching regulator.
Refer to the functional block diagram. The high side
N-Channel DMOS power switch turns on at the
beginning of each clock cycle. The current in the
inductor
increases
until
the
PWM
current
comparator trips to turn off the high side DMOS
switch. The peak inductor current at which the
current comparator shuts off the high side power
switch is controlled by the COMP voltage at the
output
of
feedback
error
amplifier.
The
transconductance from the COMP voltage to the
output current is set at 11.25A/V.
This current-mode control greatly simplifies the
feedback compensation design by approximating
the switching converter as a single-pole system.
Only Type II compensation network is needed,
which is integrated into the MP38115. The loop
bandwidth is adjusted by changing the upper
resistor value of the resistor divider at the FB pin.
The internal compensation in the MP38115
simplifies the compensation design, minimizes
external component counts, and keeps the flexibility
of external compensation for optimal stability and
transient response.
Enable and Frequency Synchronization
(EN/SYNC PIN)
This is a dual function input pin. Forcing this pin
below 0.4V for longer than 4us shuts down the part;
forcing this pin above 1.6V for longer than 4µs turns
on the part. Applying a 1MHz to 2MHz clock signal
to this pin also synchronizes the internal oscillator
frequency to the external clock. When the external
clock is used, the part turns on after detecting the
first few clocks regardless of duty cycles. If any ON
or OFF period of the clock is longer than 4µs, the
signal will be intercepted as an enable input and
disables the synchronization.
Soft-Start and Output Pre-Bias Startup
When the soft-start period starts, an internal current
source begins charging an internal soft-start
capacitor. During soft-start, the voltage on the soft-
start capacitor is connected to the non-inverting
input of the error amplifier. The soft-start period
lasts until the voltage on the soft-start capacitor
exceeds the reference voltage of 0.8V. At this point
the reference voltage takes over at the non-
inverting error amplifier input. The soft-start time is
internally set at 120µs. If the output of the MP38115
is pre-biased to a certain voltage during startup, the
IC will disable the switching of both high-side and
low-side switches until the voltage on the internal
soft-start capacitor exceeds the sensed output
voltage at the FB pin.
Over Current Protection
The MP38115 offers cycle-to-cycle current limiting
for both high-side and low-side switches. The high-
side current limit is relatively constant regardless of
duty cycles. When the output is shorted to ground,
causing the output voltage to drop below 70% of its
nominal output, the IC is shut down momentarily
and begins discharging the soft start capacitor. It
will restart with a full soft-start when the soft- start
capacitor is fully discharged. This hiccup process is
repeated until the fault is removed.
Bootstrap (BST PIN)
The gate driver for the high-side N-channel DMOS
power switch is supplied by a bootstrap capacitor
connected between the BS and SW pins. When the
low-side switch is on, the capacitor is charged
through an internal boost diode. When the high-side
switch is off and the low-side switch turns on, the
voltage on the bootstrap capacitor is boosted above
the input voltage and the internal bootstrap diode
prevents the capacitor from discharging.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com