Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP38115DQ Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP38115DQ
Description  Ultra Low Voltage, 4A, 5.5V Synchronous Step-Down Switching Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP38115DQ Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP38115DQ Datasheet HTML 1Page - Monolithic Power Systems MP38115DQ Datasheet HTML 2Page - Monolithic Power Systems MP38115DQ Datasheet HTML 3Page - Monolithic Power Systems MP38115DQ Datasheet HTML 4Page - Monolithic Power Systems MP38115DQ Datasheet HTML 5Page - Monolithic Power Systems MP38115DQ Datasheet HTML 6Page - Monolithic Power Systems MP38115DQ Datasheet HTML 7Page - Monolithic Power Systems MP38115DQ Datasheet HTML 8Page - Monolithic Power Systems MP38115DQ Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MP38115
Ultra Low Voltage, 4A, 5.5V Synchronous
Step-Down Switching Regulator
MP38115 Rev. 0.92
www.MonolithicPower.com
1
8/11/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP38115 is an internally compensated
1.5MHz fixed frequency PWM synchronous
step-down regulator. MP38115 operates from a
1.1V to 5.5V input and generates an output
voltage as low as 0.8V.
The MP38115 integrates a 60mΩ high-side
switch and a 60mΩ synchronous rectifier for
high efficiency without an external Schottky
diode. With peak current mode control and
internal compensation, the MP38115 based
solution delivers a very compact footprint with a
minimum component count.
The MP38115 is available in a small 3mm x
3mm 10-lead QFN package.
FEATURES
• 4A Output Current
• Input Operation Range: 1.1V to 5.5V
• 60mΩ Internal Power MOSFET Switches
• All Ceramic Capacitor Design
• Up to 95% Efficiency
• 1.5MHz Fixed Switching Frequency
• Adjustable Output from 0.8V to 0.9xVIN
• Internal Soft-Start
• Frequency Synchronization Input
• Power Good Output
• Cycle-by-Cycle Current Limiting
• Hiccup Short Circuit Protection
• Thermal Shutdown
• 3mm x 3mm 10-lead QFN Package
APPLICATIONS
• µP/ASIC/DSP/FPGA Core and I/O Supplies
• Printers and LCD TVs
• Network and Telecom Equipment
• Point of Load Regulators
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MP38115
BS
IN
FB
SW
EN/SYNC
VCC
GND
VOUT
1.1V / 4A
VIN
1.1V to 5.5V
2.7V to 5.5V
VCC
OFF ON


Similar Part No. - MP38115DQ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
MP38 APEX-MP38 Datasheet
263Kb / 4P
POWER OPERATIONAL AMPLIFIER
logo
Monolithic Power System...
MP3801 MPS-MP3801 Datasheet
442Kb / 7P
190Vpp High Voltage EL Lamp Driver
MP3801DH MPS-MP3801DH Datasheet
442Kb / 7P
190Vpp High Voltage EL Lamp Driver
MP3802 MPS-MP3802 Datasheet
185Kb / 5P
240Vpp High Voltage EL Lamp Driver
MP3802DH MPS-MP3802DH Datasheet
185Kb / 5P
240Vpp High Voltage EL Lamp Driver
More results

Similar Description - MP38115DQ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1504 LINER-LTC1504 Datasheet
249Kb / 12P
500mA Low Voltage Step-Down Synchronous Switching Regulator
LTC1504A LINER-LTC1504A Datasheet
132Kb / 12P
500mA Low Voltage Step-Down Synchronous Switching Regulator
logo
STMicroelectronics
L5988 STMICROELECTRONICS-L5988 Datasheet
114Kb / 10P
4A step-down switching regulator with synchronous rectification
08-Aug-2006
logo
Semtech Corporation
SC185 SEMTECH-SC185 Datasheet
946Kb / 18P
4A Synchronous Step-Down Regulator
logo
Linear Technology
LT3690 LINER-LT3690 Datasheet
2Mb / 28P
36V, 4A, 1.5MHz Synchronous Step-Down Switching Regulator
logo
Monolithic Power System...
MP2107 MPS-MP2107 Datasheet
432Kb / 14P
4A, 6V Synchronous Step-Down Switching Regulator
MP2120 MPS-MP2120 Datasheet
367Kb / 11P
2.5A, 5.5V Synchronous Step-Down Switching Regulator
MP28127 MPS-MP28127 Datasheet
420Kb / 9P
1.25A, 5.5V Synchronous Step-Down Switching Regulator
logo
Linear Technology
LTC1504A LINER-LTC1504A_15 Datasheet
113Kb / 12P
500mA Low Voltage Step-Down Synchronous Switching Regulator
logo
Semtech Corporation
SC186 SEMTECH-SC186 Datasheet
1Mb / 18P
4A Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com