Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDS2002C Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # TDS2002C
Description  Digital Storage Oscilloscopes
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TDS2002C Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button TDS2002C Datasheet HTML 4Page - List of Unclassifed Manufacturers TDS2002C Datasheet HTML 5Page - List of Unclassifed Manufacturers TDS2002C Datasheet HTML 6Page - List of Unclassifed Manufacturers TDS2002C Datasheet HTML 7Page - List of Unclassifed Manufacturers TDS2002C Datasheet HTML 8Page - List of Unclassifed Manufacturers TDS2002C Datasheet HTML 9Page - List of Unclassifed Manufacturers TDS2002C Datasheet HTML 10Page - List of Unclassifed Manufacturers TDS2002C Datasheet HTML 11Page - List of Unclassifed Manufacturers TDS2002C Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Opt. A12
Brazil power plug (60 Hz)
Opt. A99
No power cord
Service options
Opt. D1
Calibration Data Report
Probes and accessories are not covered by the oscilloscope warranty and Service Offerings. Refer to the datasheet of each probe and accessory model for its unique warranty
and calibration terms.
Standard accessories
Probes
TPP0101
100 MHz passive probe for TDS2001C, TDS2002C, and TDS2004C (one per channel)
TPP0201
200 MHz passive probe for TDS2012C, TDS2014C, TDS2022C, and TDS2024C (one per channel)
Accessories
Power cord
Please specify plug option
NIM/NIST
Traceable Certificate of Calibration
Documentation
TDS2000C and TDS1000C-EDU Compliance and Safety Instructions
TDS2000C and TDS1000C-EDU Documentation CD
OpenChoice PC Communications
Software
Enables fast and easy communication between a Windows PC and the TDS2000C Series using USB. Transfer and save settings,
waveforms, measurements, and screen images
National Instruments
SignalExpress Tektronix Edition
Interactive Measurement Software
- base version
A fully interactive measurement software environment optimized for the TDS2000C Series. Enables you to instantly acquire,
generate, analyze, compare, import, and save measurement data and signals using an intuitive drag-and-drop user interface that
does not require any programming. Standard TDS2000C Series support for acquiring, controlling, viewing, and exporting your live
signal. A 30-day trial period of the Professional Version provides additional signal processing, advance analysis, mixed signal,
sweeping, limit testing, and user-defined step capabilities. Order SIGEXPTE for permanent Professional Version capability.
Limited Lifetime Warranty
Covers labor and parts for defects in materials and workmanship for a minimum of 10 years, excluding probes and accessories.
Lifetime is defined as 5 years after Tektronix discontinues manufacturing the product, but the warranty length shall be at least ten
years from date of original purchase. Lifetime warranty is nontransferrable. Proof of original purchase is required. Limitations apply.
For terms and conditions visit www.tektronix.com/lifetimewarranty.
Probes and accessories are not covered by the oscilloscope warranty and Service Offerings. Refer to the datasheet of each probe
and accessory model for its unique warranty and calibration terms.
Datasheet
10 www.tektronix.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com