Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDS2002C Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # TDS2002C
Description  Digital Storage Oscilloscopes
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TDS2002C Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button TDS2002C Datasheet HTML 4Page - List of Unclassifed Manufacturers TDS2002C Datasheet HTML 5Page - List of Unclassifed Manufacturers TDS2002C Datasheet HTML 6Page - List of Unclassifed Manufacturers TDS2002C Datasheet HTML 7Page - List of Unclassifed Manufacturers TDS2002C Datasheet HTML 8Page - List of Unclassifed Manufacturers TDS2002C Datasheet HTML 9Page - List of Unclassifed Manufacturers TDS2002C Datasheet HTML 10Page - List of Unclassifed Manufacturers TDS2002C Datasheet HTML 11Page - List of Unclassifed Manufacturers TDS2002C Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Ordering information
Models
TDS2001C
50 MHz, 2 Ch, 500 MS/s, TFT DSO
TDS2002C
70 MHz, 2 Ch, 1 GS/s, TFT DSO
TDS2004C
70 MHz, 4 Ch, 1 GS/s, TFT DSO
TDS2012C
100 MHz, 2 Ch, 2 GS/s, TFT DSO
TDS2014C
100 MHz, 4 Ch, 2 GS/s TFT DSO
TDS2022C
200 MHz, 2 Ch, 2Gs/s, TFT DSO
TDS2024C
200 MHz, 4 Ch, 2 GS/s, TFT DSO
Instrument options
Language options
Opt. L0
English (front-panel label on instrument)
Opt. L1
French (front-panel overlay)
Opt. L2
Italian (front-panel overlay)
Opt. L3
German (front-panel overlay)
Opt. L4
Spanish (front-panel overlay)
Opt. L5
Japanese (front-panel overlay)
Opt. L6
Portuguese (front-panel overlay)
Opt. L7
Simplified Chinese (front-panel overlay)
Opt. L8
Traditional Chinese (front-panel overlay)
Opt. L9
Korean (front-panel overlay)
Opt. L10
Russian (front-panel overlay)
User manual (PDF) in 11 languages are available on the documentation CD and for download from www.tektronix.com/manuals. There are no printed user manuals.
Power plug options
Opt. A0
North America power plug (115 V, 60 Hz)
Opt. A1
Universal Euro power plug (220 V, 50 Hz)
Opt. A2
United Kingdom power plug (240 V, 50 Hz)
Opt. A3
Australia power plug (240 V, 50 Hz)
Opt. A4
North America power plug (240 V, 50 Hz)
Opt. A5
Switzerland power plug (220 V, 50 Hz)
Opt. A6
Japan power plug (100 V, 110/120 V, 60 Hz)
Opt. A10
China power plug (50 Hz)
Opt. A11
India power plug (50 Hz)
TDS2000C Digital Storage Oscilloscopes
www.tektronix.com 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com