Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP62071 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP62071
Description  3.3V/5V, Single-Channel 0.8A Current-Limited Power Distribution Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP62071 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP62071 Datasheet HTML 1Page - Monolithic Power Systems MP62071 Datasheet HTML 2Page - Monolithic Power Systems MP62071 Datasheet HTML 3Page - Monolithic Power Systems MP62071 Datasheet HTML 4Page - Monolithic Power Systems MP62071 Datasheet HTML 5Page - Monolithic Power Systems MP62071 Datasheet HTML 6Page - Monolithic Power Systems MP62071 Datasheet HTML 7Page - Monolithic Power Systems MP62071 Datasheet HTML 8Page - Monolithic Power Systems MP62071 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MP62071 –SINGLE CHANNEL 0.8A CURRENT-LIMITED POWER DISTRIBUTION SWITCH
MP62071 Rev. 0.9
www.MonolithicPower.com
2
9/18/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number
Enable
Switch
Maximum
Continuous
Load Current
Typical Short-
Circuit Current
@ TA=25C
Package
Temperature
MP62071DH
Active High
Single
0.8A
1.25A
MSOP8E
–40
°C to +85°C
MP62071DN
Active High
Single
0.8A
1.25A
SOIC8E
–40
°C to +85°C
For Tape & Reel, add suffix –Z (eg. MP62071DN–Z); For RoHS Compliant Packaging, add suffix –LF(eg.
MP62071DN–LF–Z)
PACKAGE REFERENCE
1
2
3
4
8
7
6
5
TOP VIEW
GND
IN
IN
EN
OUT
OUT
OUT
FLAG
EXPOSED PAD
ON BACKSIDE
CONNECT TO GND
GND
IN
IN
EN
OUT
OUT
OUT
FLAG
1
2
3
4
8
7
6
5
TOP VIEW
EXPOSED PAD
ON BACKSIDE
CONNECT TO GND
MSOP8E
SOIC8E
MP62071
Single-Channel
ABSOLUTE MAXIMUM RATINGS
(1)
IN ....................................................-0.3V to +6V
ON, FLAG, OUT to GND.................-0.3V to +6V
Continuous Power Dissipation (TA = +25°C)
(2)
MSOP8E.................................................... 2.3W
SOIC8E...................................................... 2.5W
Junction Temperature...............................150°C
Lead Temperature ....................................260°C
Storage Temperature...............–65°C to +150°C
Operating Temperature..............–40°C to +85°C
Thermal Resistance
(3)
θJA
θJC
MSOP8E................................. 55 ...... 12...
°C/W
SOIC8E .................................. 50 ...... 10...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ(MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD(MAX)=(TJ(MAX)-
TA)/θJA. Exceeding the maximum allowable power dissipation
will cause excessive die temperature, and the regulator will go
into thermal shutdown. Internal thermal shutdown circuitry
protects the device from permanent damage.
3) Measured on JESD51-7, 4-layer PCB..



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com