Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP62071 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP62071
Description  3.3V/5V, Single-Channel 0.8A Current-Limited Power Distribution Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP62071 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP62071 Datasheet HTML 1Page - Monolithic Power Systems MP62071 Datasheet HTML 2Page - Monolithic Power Systems MP62071 Datasheet HTML 3Page - Monolithic Power Systems MP62071 Datasheet HTML 4Page - Monolithic Power Systems MP62071 Datasheet HTML 5Page - Monolithic Power Systems MP62071 Datasheet HTML 6Page - Monolithic Power Systems MP62071 Datasheet HTML 7Page - Monolithic Power Systems MP62071 Datasheet HTML 8Page - Monolithic Power Systems MP62071 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MP62071
3.3V/5V, Single-Channel 0.8A
Current-Limited Power Distribution Switch
MP62071 Rev. 0.9
www.MonolithicPower.com
1
9/18/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP62071 Power Distribution Switch features
internal current limiting to prevent damage to host
devices due to faulty load conditions. The MP62071
operates from a 3.3V or 5V nominal input voltage
and includes a 90mΩ Power MOSFET to handle up
to 0.8A continuous load with a 1.25A typical current
limit. The MP62071 has built-in protection for both
over current and increased thermal stress. For over-
current protection (OCP), the device will limit the
current by going into a constant current mode.
When continuous output overload condition exceeds
power dissipation of the package, the thermal
protection will shut the part off. The device will
recover once the device temperature reduces to
approx 120
°C.
The MP62071 is available in 8-PIN MSOP8E and
SOIC8E package with exposed pad.
FEATURES
•
0.8A Continuous Current
•
Accurate Current Limit
•
2.7V to 5.5V Supply Range
•
140uA Quiescent Current
•
90mΩ MOSFET
•
Thermal-Shutdown Protection
•
Under-Voltage Lockout
•
8ms FLAG Deglitch Time
•
No FLAG Glitch During Power Up
•
Reverse Current Blocking
•
MSOP8E and SOIC8E package
•
UL Recognized: E322138
APPLICATIONS
•
Notebook PC
•
Set-top-box
•
Telecom and Network Systems
•
PC Card Hot Swap
•
USB Power Distribution
“MPS” and “The Future of Analog IC Technology” are Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION
OUT
MP62071
SINGLE-CHANNEL
1
2,3
4
5
6,7,8
3.3V/5V Input
To VBUS
USB Ports
FLAG
IN
GND
EN
UL Recognized Component


Similar Part No. - MP62071

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP62040 MPS-MP62040 Datasheet
339Kb / 8P
1.7V ??5.5V, Ultra-Small, Single-Channel 2A Current-Limited Power Distribution Switch
MP62040-1 MPS-MP62040-1 Datasheet
372Kb / 8P
1.7V- 5.5V, Ultra-Small, Single-Channel 2A Current-Limited Power Distribution Switch with Output Discharge
MP62040DQFU MPS-MP62040DQFU Datasheet
339Kb / 8P
1.7V ??5.5V, Ultra-Small, Single-Channel 2A Current-Limited Power Distribution Switch
MP62040DQFU-1 MPS-MP62040DQFU-1 Datasheet
372Kb / 8P
1.7V- 5.5V, Ultra-Small, Single-Channel 2A Current-Limited Power Distribution Switch with Output Discharge
MP62041-1 MPS-MP62041-1 Datasheet
372Kb / 8P
1.7V- 5.5V, Ultra-Small, Single-Channel 2A Current-Limited Power Distribution Switch with Output Discharge
More results

Similar Description - MP62071

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6205 MPS-MP6205 Datasheet
373Kb / 12P
3.3V/5V, Single-Channel 500mA Current-Limited Power Distribution Switch
MP6211-3 MPS-MP6211-3 Datasheet
589Kb / 13P
3.3V/5V, Single-Channel 1A Current-Limited Power Distribution Switch
MP6215 MPS-MP6215 Datasheet
658Kb / 10P
3.3V/5V, Single-Channel 1.5A Current-Limited Power Distribution Switch
MP62055 MPS-MP62055 Datasheet
376Kb / 10P
3.3V/5V, Single-Channel 500mA Current-Limited Power Distribution Switch
MP62055-3 MPS-MP62055-3 Datasheet
357Kb / 12P
3.3V/5V, Single-Channel 500mA Current-Limited Power Distribution Switch
MP62061 MPS-MP62061 Datasheet
292Kb / 11P
3.3V/5V, Single-Channel 700mA Current-Limited Power Distribution Switch
MP62150 MPS-MP62150 Datasheet
602Kb / 10P
3.3V/5V, Single-Channel, 1.5A Current-Limited Power Distribution Switch
MP62170 MPS-MP62170 Datasheet
366Kb / 12P
3.3V/5V, Single-Channel 1.5A Current-Limited Power Distribution Switch
MP62170-3 MPS-MP62170-3 Datasheet
384Kb / 12P
3.3V/5V, Single-Channel 1.5A Current-Limited Power Distribution Switch
MP62260 MPS-MP62260 Datasheet
417Kb / 11P
3.3V/5V, Single-Channel 2A Current-Limited Power Distribution Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com