Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP62130ES Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP62130ES
Description  3.3V/5V, Single-Channel 500mA Current-Limited Power Distribution Switch with Output Discharge
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP62130ES Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP62130ES Datasheet HTML 1Page - Monolithic Power Systems MP62130ES Datasheet HTML 2Page - Monolithic Power Systems MP62130ES Datasheet HTML 3Page - Monolithic Power Systems MP62130ES Datasheet HTML 4Page - Monolithic Power Systems MP62130ES Datasheet HTML 5Page - Monolithic Power Systems MP62130ES Datasheet HTML 6Page - Monolithic Power Systems MP62130ES Datasheet HTML 7Page - Monolithic Power Systems MP62130ES Datasheet HTML 8Page - Monolithic Power Systems MP62130ES Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MP62130/MP62131 –CURRENT-LIMITED POWER DISTRIBUTION SWITCH
MP62130/MP62131 Rev. 0.9
www.MonolithicPower.com
2
6/15/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number
Enable
Switch
Maximum
Continuous
Load Current
Typical Short-
Circuit Current
@ TA=25℃
Package
Top
Marking
Free Air
Temperature
(TA)
MP62130ES
SOIC8
MP62130
MP62130EK*
Active
Low
MSOP8
62130
MP62131ES
SOIC8
MP62131
MP62131EK*
Active
High
Single
500mA
650mA
MSOP8
62131
-20
°C to +85°C
* For Tape & Reel, add suffix –Z (e.g. MP62130/MP62131EK–Z).
For RoHS Compliant packaging, add suffix –LF (e.g. MP62130/MP62131EK–LF–Z);
PACKAGE REFERENCE
1
2
3
4
8
7
6
5
TOP VIEW
EN*
FLAG
GND
NC
OUT
IN
OUT
NC
MSOP8
EN*
FLAG
GND
NC
OUT
IN
OUT
NC
1
2
3
4
8
7
6
5
TOP VIEW
SOIC8
* EN is active high for MP6231
ABSOLUTE MAXIMUM RATINGS
(1)
IN .................................................-0.3V to +6.5V
EN, FLAG, OUT to GND ..............-0.3V to +6.5V
Continuous Power Dissipation (TA = +25°C)
(2)
MSOP8 .................................................... 0.83W
SOIC8.....................................................
1.4W
Junction Temperature...............................150°C
Lead Temperature ....................................260°C
Storage Temperature............... -65°C to +150°C
Operating Junct. Temp (TJ)...... -20°C to +125°C
Thermal Resistance
(3)
θJA
θJC
MSOP8 .................................. 150 ..... 65...
°C/W
SOIC8..................................... 90 ...... 42...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) Measured on JESD51-7 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com