Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP62130ES Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP62130ES
Description  3.3V/5V, Single-Channel 500mA Current-Limited Power Distribution Switch with Output Discharge
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP62130ES Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP62130ES Datasheet HTML 4Page - Monolithic Power Systems MP62130ES Datasheet HTML 5Page - Monolithic Power Systems MP62130ES Datasheet HTML 6Page - Monolithic Power Systems MP62130ES Datasheet HTML 7Page - Monolithic Power Systems MP62130ES Datasheet HTML 8Page - Monolithic Power Systems MP62130ES Datasheet HTML 9Page - Monolithic Power Systems MP62130ES Datasheet HTML 10Page - Monolithic Power Systems MP62130ES Datasheet HTML 11Page - Monolithic Power Systems MP62130ES Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MP62130/MP62131 –CURRENT-LIMITED POWER DISTRIBUTION SWITCH
MP62130/MP62131 Rev. 0.9
www.MonolithicPower.com
10
6/15/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
APPLICATION INFORMATION
Power-Supply Considerations
A 10µF bypass capacitor between IN and GND,
close to the device, is recommended. Placing a
high-value electrolytic capacitor on the output
pin(s) is recommended when the output load is
heavy. This precaution reduces power-supply
transients that may cause ringing on the input.
Optionally, bypassing the output with a 0.01µF to
0.1µF ceramic capacitor improves the immunity
of the device to short-circuit transients.
OUT
MP62130/
MP62131
SINGLE-CHANNEL
3
7
1
2
6, 8
+5V
To VBUS
USB Ports
FLAG
IN
GND
EN*
OFF ON
*EN is active high for 62131
Figure 3—Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com