Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRS-A200ST01-R1 Datasheet(PDF) 10 Page - Murata Manufacturing Co., Ltd.

Part # IRS-A200ST01-R1
Description  Pyroelectric infrared sensor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

IRS-A200ST01-R1 Datasheet(HTML) 10 Page - Murata Manufacturing Co., Ltd.

Back Button IRS-A200ST01-R1 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. IRS-A200ST01-R1 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. IRS-A200ST01-R1 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. IRS-A200ST01-R1 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. IRS-A200ST01-R1 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. IRS-A200ST01-R1 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. IRS-A200ST01-R1 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. IRS-A200ST01-R1 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. IRS-A200ST01-R1 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
For Reference Only 10/20
株 式 会 社
村 田 製 作 所
9.リフローはんだ付け条件(Soldering Conditions)
・リフローチャートを下図に示します。
・リフロー後の洗浄は不可です。
・フローはんだは不可です。
・下記プロファイル以外でご使用の際には、事前に当社にご確認の上、ご使用下さい。
⋅ Following figure shows temperature profile when reflow soldering.
⋅ Cleaning after reflow soldering should not be applied.
⋅ Flow soldering should not be applied.
・Please contact us when using other reflow profile except following reflow
profile.
図7
リフローはんだ付け条件
Figure7. Soldering conditions
製品表面のピーク温度
  Peak temperature on product surface
  240℃, 5sec. Max.
Temp.( ℃)
Time(sec.)
 徐冷
Gradual in air
加熱部
Heating
220℃ Min.
 2℃/sec. Max.
昇温時間
Heating period
80-100 sec.
 (20sec.Min.)
 30-40 sec.Max. 120 sec.Min.
 240℃
 220℃
 180℃
 150℃
 100℃
予熱
Pre-Heating
150-180℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com