Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRS-A200ST01-R1 Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # IRS-A200ST01-R1
Description  Pyroelectric infrared sensor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

IRS-A200ST01-R1 Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  IRS-A200ST01-R1 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. IRS-A200ST01-R1 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. IRS-A200ST01-R1 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. IRS-A200ST01-R1 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. IRS-A200ST01-R1 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. IRS-A200ST01-R1 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. IRS-A200ST01-R1 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. IRS-A200ST01-R1 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. IRS-A200ST01-R1 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
For Reference Only 4/20
株 式 会 社
村 田 製 作 所
5.定格(指定無き場合は 25℃、50%RH 時とします。)
Ratings and Characteristics (25
°C, 50%RH)
5-1 電圧感度
5-1 Responsivity (Rv)
Min.
Typ.
電圧感度
Responsivity (Rv)
3.2 mVpp
3.8 mVpp
但し、電圧感度は以下の測定器構成での値を規定するものです。
Responsivity is measured with following system.
図2
電圧感度測定方法
Figure 2. Test system of responsivity
5-2 受光電極間感度差
5-2 Balance of Responsivity
受光電極間感度差
Balance
10% Max.
但し、感度差(%)=|(Rr-Rl)/(Rr+Rl)|
×100 とします。
Rr : 右受光電極の感度
Rl : 左受光電極の感度
Balance(%) = |(Rr-Rl)/(Rr+Rl)|
× 100
Rr : Response from right element
Rl : Response from left element
黒体炉
Black Body
500K
140mm
+5V
47kohm
d
s
g
赤外線センサ
Infrared Sensor
メカニカルチョッパー(1Hz)
Mechanical Chopper (1Hz)
ロックインアンンプ (1Hz)
Lock-in Amp.(1Hz)
オシロスコープ
Oscilloscope
22uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com