Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP62261 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP62261
Description  3.3V/5V, Single-Channel 2A Current-Limited Power Distribution Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP62261 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP62261 Datasheet HTML 1Page - Monolithic Power Systems MP62261 Datasheet HTML 2Page - Monolithic Power Systems MP62261 Datasheet HTML 3Page - Monolithic Power Systems MP62261 Datasheet HTML 4Page - Monolithic Power Systems MP62261 Datasheet HTML 5Page - Monolithic Power Systems MP62261 Datasheet HTML 6Page - Monolithic Power Systems MP62261 Datasheet HTML 7Page - Monolithic Power Systems MP62261 Datasheet HTML 8Page - Monolithic Power Systems MP62261 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MP62260/MP62261
3.3V/5V, Single-Channel 2A
Current-Limited Power Distribution Switch
MP62260/MP62261 Rev. 0.9
www.MonolithicPower.com
1
4/6/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP62260/MP62261 Power Distribution
Switch features internal current limiting to
prevent damage to host devices due to faulty
load
conditions.
The
MP62260/MP62261
operates from 2.7V to 5.5V nominal input
voltage and includes a 45mΩ Power MOSFET
to handle up to 2A continuous load with a 3A
typical current limit. The MP62260/MP62261
has built-in protection for both over current and
increased thermal stress. For over-current
protection (OCP), the device will limit the
current by going into a constant current mode.
When continuous output overload condition
exceeds power dissipation of the package, the
thermal protection will shut the part off. The
device will recover once the device temperature
reduces to approx 120
°C.
The MP62260/MP62261 is available in SOIC8
package.
FEATURES
• 2A Continuous Current
• 3A accurate Current Limit
• 2.7V to 5.5V Supply Range
• 90μA Quiescent Current
• 50mΩ MOSFET
• Thermal-Shutdown Protection
• Under-Voltage Lockout
• 8ms FLAG Deglitch Time
• No FLAG Glitch During Power Up
• Reverse Current Blocking
• Active High & Active Low Options
APPLICATIONS
• Smartphone and PDA
• Portable GPS Device
• Notebook PC
• Set-top-box
• Telecom and Network Systems
• PC Card Hot Swap
• USB Power Distribution
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MP62260/
MP62261
GND
IN
EN*
OUT
FLAG
SINGLE-CHANNEL
3.3V / 5V Input
To VBUS
USB Ports
1
2, 3
6, 7, 8
5
4
(*is active high for MP62261)


Similar Part No. - MP62261

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP62261-1 MPS-MP62261-1 Datasheet
297Kb / 11P
3.3V/5V, Single-Channel 2A Current-Limited Power Distribution Switch with Output Discharge
MP62261DS-1 MPS-MP62261DS-1 Datasheet
297Kb / 11P
3.3V/5V, Single-Channel 2A Current-Limited Power Distribution Switch with Output Discharge
More results

Similar Description - MP62261

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6205 MPS-MP6205 Datasheet
373Kb / 12P
3.3V/5V, Single-Channel 500mA Current-Limited Power Distribution Switch
MP6211-3 MPS-MP6211-3 Datasheet
589Kb / 13P
3.3V/5V, Single-Channel 1A Current-Limited Power Distribution Switch
MP6215 MPS-MP6215 Datasheet
658Kb / 10P
3.3V/5V, Single-Channel 1.5A Current-Limited Power Distribution Switch
MP62055-3 MPS-MP62055-3 Datasheet
357Kb / 12P
3.3V/5V, Single-Channel 500mA Current-Limited Power Distribution Switch
MP62071 MPS-MP62071 Datasheet
293Kb / 11P
3.3V/5V, Single-Channel 0.8A Current-Limited Power Distribution Switch
MP62150 MPS-MP62150 Datasheet
602Kb / 10P
3.3V/5V, Single-Channel, 1.5A Current-Limited Power Distribution Switch
MP62160 MPS-MP62160 Datasheet
360Kb / 12P
3.3V/5V, Single-Channel 2A Current-Limited Power Distribution Switch with Output Discharge
MP62170 MPS-MP62170 Datasheet
366Kb / 12P
3.3V/5V, Single-Channel 1.5A Current-Limited Power Distribution Switch
MP62180 MPS-MP62180 Datasheet
353Kb / 12P
3.3V/5V, Single-Channel 2A Current-Limited Power Distribution Switch
MP62260-1 MPS-MP62260-1 Datasheet
297Kb / 11P
3.3V/5V, Single-Channel 2A Current-Limited Power Distribution Switch with Output Discharge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com