Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLA7SA08 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # TLA7SA08
Description  Tektronix PCI Express Logic Protocol Analyzer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TLA7SA08 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button TLA7SA08 Datasheet HTML 5Page - List of Unclassifed Manufacturers TLA7SA08 Datasheet HTML 6Page - List of Unclassifed Manufacturers TLA7SA08 Datasheet HTML 7Page - List of Unclassifed Manufacturers TLA7SA08 Datasheet HTML 8Page - List of Unclassifed Manufacturers TLA7SA08 Datasheet HTML 9Page - List of Unclassifed Manufacturers TLA7SA08 Datasheet HTML 10Page - List of Unclassifed Manufacturers TLA7SA08 Datasheet HTML 11Page - List of Unclassifed Manufacturers TLA7SA08 Datasheet HTML 12Page - List of Unclassifed Manufacturers TLA7SA08 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
PCI Express slot interposer probes
General
Characteristic
P67SA01S
P67SA04S
P67SA08S
P67SA16S
Number of differential
pairs
2
8
16
32
Lane width
x1
x4
x8
x16
Recommended use
Recommended for platforms with no midbus footprints and the PCI Express slot is the only probe
access point
Attachment to target
system
PCI Express slot
Probe loading AC/DC
Refer to the Tektronix Logic Protocol Analyzer Solutions for PCI Express 3.0 Instruction manual,
Tektronix part number 077-0400-xx.
Cable length
1.8 m (6 ft.)
Slot interposer probe
recommended configurations
x1
x4
x8
x16
1 P67SA01S
1 TLA7SA08
1 P67SA04S
1 TLA7SA08
1 P67SA08S
1 TLA7SA16
1 P67SA16S
2 TLA7SA16
PCI Express solder down and UHDSMA probes
General
Characteristic
P67SA01SD
P67UHDSMA
Probe type
PCI Express differential solder-down
probe
Probe lead set for PCI Express P67SA00
series probe connections to high-
bandwidth oscilloscopes
Number of differential pairs
1
4
Lane width
1/2 lane
x2
Recommended use
Recommended for platforms with no
midbus footprint, PCI Express slot; or
where space is limited
Recommended for use with any of the
P67SA00 series probe connections to
high-bandwidth oscilloscopes
Attachment to target system
Solder down
-
Probe loading AC/DC
Refer to the Tektronix Logic Protocol
Analyzer Solutions for PCI Express
3.0 Instruction manual, Tektronix part
number 077-0400-xx.
-
Cable length
1.8 m (6 ft.)
0.3 m (1 ft.)
Solder-down probe recommended
configuration
x1
x4
x8
x16
2 P67SA01SD
1 TLA7SA08
8 P67SA01SD
1 TLA7SA08
16 P67SA01SD
1 TLA7SA16
32 P67SA01SD
2 TLA7SA16
TLA7SA00 Logic Protocol Analyzer Datasheet
www.tektronix.com 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com