Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLA7SA08 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TLA7SA08
Description  Tektronix PCI Express Logic Protocol Analyzer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TLA7SA08 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TLA7SA08 Datasheet HTML 1Page - List of Unclassifed Manufacturers TLA7SA08 Datasheet HTML 2Page - List of Unclassifed Manufacturers TLA7SA08 Datasheet HTML 3Page - List of Unclassifed Manufacturers TLA7SA08 Datasheet HTML 4Page - List of Unclassifed Manufacturers TLA7SA08 Datasheet HTML 5Page - List of Unclassifed Manufacturers TLA7SA08 Datasheet HTML 6Page - List of Unclassifed Manufacturers TLA7SA08 Datasheet HTML 7Page - List of Unclassifed Manufacturers TLA7SA08 Datasheet HTML 8Page - List of Unclassifed Manufacturers TLA7SA08 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Tektronix PCI Express Logic Protocol Analyzer
TLA7SA00 Series Datasheet
The TLA7SA00 Series logic protocol analyzer modules provide an
innovative approach to PCI Express validation that spans all layers of the
protocol from the physical layer to the transaction layer. Feature rich
software provides improved information density for viewing statistical
summary and protocol analysis using innovative Transaction and Summary
Profile windows. Hardware capabilities including hardware acceleration,
OpenEYE, ScopePHY, and FastSYNC provide fast access to data and
helps shorten the time it takes to build confidence in the test system.
Powerful trigger and filtering capabilities provide the ability to quickly focus
on the data of interest. A complete suite of probing solutions targeted for
various form factors and applications.
Key performance specifications
PCI Express Gen1, Gen2, and Gen3 Protocol to Physical Layer
Analysis for link widths from x1 through x16 with up to 8.0 GT/s
acquisition rates.
Industry's deepest 8 GB memory/module (16 GB memory, x16 link
width) increases the chances of capturing an error and the fault that
caused the error.
Key features
Comprehensive PCI Express probing solutions, including midbus, slot
interposer, and solder-down probes.
Nonintrusive probing that uses OpenEYE technology incorporating
automatic tuning equalization circuitry to allow probing anywhere
on the channel and ensures accurate data capture in PCI Express
systems with channel lengths up to 24 in. and two connectors.
Single-click calibration process calibrates the analyzer and probes
to the target BER. Calibration results for analyzer/probe sets are
remembered from one session to another.
ScopePHY provides the ability to quickly connect any of the PCI
Express midbus, slot interposer, or solder-down probes to a high-
performance oscilloscope providing a more detailed analog view of
the PHY Layer.
Shorten time to gain confidence in the test system setup.
Front-panel LEDs provide status information such as link speed,
symbol lock, and link activity.
Auto-configure sets up the logic protocol analyzer system to be
ready for data acquisition quickly.
FastSYNC tracks the Link as it transitions in and out of ASPM
Power states such as L0s, regardless of electrical Idle duration.
Real-time statistics help observe link health and behavior over
time.
Powerful trigger-state machine spans all layers of the protocol.
8 States
8 Packet recognizers
4 Symbol sequence recognizers
4 Counter/Timers
4 Event flags
Conditional storage
Real-time filtering
HW accelerated search and data displays provide immediate visibility
of data regardless of record length.
www.tektronix.com 1


Similar Part No. - TLA7SA08

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TLA7000 ETC2-TLA7000 Datasheet
1Mb / 22P
TLA7000 Logic Analyzers
More results

Similar Description - TLA7SA08

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
16900 HP-16900 Datasheet
1Mb / 35P
Logic Analyzer
logo
Keysight Technologies
U4301B KEYSIGHT-U4301B Datasheet
2Mb / 19P
PCI Express 3.0 Analyzer Module
U4431A KEYSIGHT-U4431A Datasheet
3Mb / 10P
MIPI M-PHY Protocol Analyzer
N8816A KEYSIGHT-N8816A Datasheet
677Kb / 10P
PCI Express 3.0 Protocol Viewer Software
logo
TEKTRONIX, INC.
P5900 TEKTRONIX-P5900 Datasheet
410Kb / 6P
Tektronix Logic Analyzer Probes
logo
Silicom Ltd.
PE2S8C62G SILICOM-PE2S8C62G Datasheet
353Kb / 4P
Security Protocol Processor PCI Express Server Adapter
PE2SFC293 SILICOM-PE2SFC293 Datasheet
354Kb / 4P
Security Protocol Processor PCI Express Server Adapter
PESC61 SILICOM-PESC61 Datasheet
327Kb / 4P
Security Protocol Processor PCI Express Server Adapter
PESC62 SILICOM-PESC62 Datasheet
340Kb / 4P
Security Protocol Processor PCI Express Server Adapter
logo
List of Unclassifed Man...
USB480 ETC-USB480 Datasheet
561Kb / 2P
USB 480 Power Protocol Analyzer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com