Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMDP0200 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TMDP0200
Description  High-voltage Differential Probes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TMDP0200 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TMDP0200 Datasheet HTML 1Page - List of Unclassifed Manufacturers TMDP0200 Datasheet HTML 2Page - List of Unclassifed Manufacturers TMDP0200 Datasheet HTML 3Page - List of Unclassifed Manufacturers TMDP0200 Datasheet HTML 4Page - List of Unclassifed Manufacturers TMDP0200 Datasheet HTML 5Page - List of Unclassifed Manufacturers TMDP0200 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Connectivity options
The TMDP and THDP Series probes are equipped with the TekVPI
®
interface which allows smart communication between the oscilloscope and
probe. Pushing the probe menu button will launch the probe control menu
on the oscilloscope display providing access to all relevant probe settings
and controls. These probes are designed to operate on TekVPI
®
oscilloscopes without requiring the TPA-BNC adapter.
The P52xxA Series probes are equipped with the Tektronix TekProbe
®
interface which communicates scale information to the oscilloscope. Direct
connections can be made to oscilloscopes configured with the TekProbe
®
interface or to any oscilloscope when used with the 1103 TekProbe
® Power
Supply.
Specifications
All specifications apply to all models unless noted otherwise.
Model overview
Probes with the TekVPI® interface
TMDP0200
THDP0200
THDP0100
Attenuation
25X / 250X
50X / 500X
100X / 1000X
Differential Voltage
250X: ±750 V
25X: ±75 V
500X: ±1500 V
50X: ±150 V
1000X: ±6000 V
100X: ±600 V
Common Mode Voltage
±750 V
±1500 V
±6000 V
Maximum Input Voltage-to-Earth
550 V CAT I
300 V CAT III
1000 V CAT II
600 V CAT III
2300 V CAT I
1000 V CAT III
Bandwidth
200 MHz
200 MHz
100 MHz
Rise Time
<1.8 ns
<1.8 ns
<3.5 ns
Slew Rate
<275 V/ns at 1/250 gain
<650 V/ns at 1/500 gain
<2500 V/ns at 1/1000 gain
Input Impedance at the Probe Tip
5 MΩ || <2 pF
10 MΩ || <2 pF
40 MΩ || <2.5 pF
Typical CMRR
DC: > -80 dB
100 kHz: > -60 dB
3.2 MHz: > -30 dB
100 MHz: > -26 dB
DC: > -80 dB
100 kHz: > -60 dB
3.2 MHz: > -30 dB
100 MHz: > -26 dB
DC: > -80 dB
100 kHz: > -60 dB
3.2 MHz: > -30 dB
100 MHz: > -26 dB
Cable Length
1.5 m
1.5 m
1.5 m
Probes with the BNC and TekProbe® interface
P5200A
P5202A
P5205A
P5210A
Attenuation
50X / 500X
20X / 200X
50X / 500X
100X / 1000X
Differential Voltage
500X: ±1300 V
50X: ±130 V
200X: ±640 V
20X: ±64 V
500X: ±1300 V
50X: ±130 V
1000X: ±5600 V
100X: ±560 V
Common Mode Voltage
±1300 V
±640 V
±1300 V
±5600 V
Maximum Input Voltage-to-Earth 1000 V CAT II
450 V CAT l
300 V CAT ll
1000 V CAT II
2300 V CAT l
1000 V CAT III
Bandwidth
50 MHz
100 MHz
100 MHz
50 MHz
Differential Input Impedance
10 MΩ || 2 pF
5 MΩ || 2 pF
10 MΩ || 2 pF
40 MΩ || 2.5 pF
Input Impedance between each
Input and Ground
5 MΩ || 4 pF
2.5 MΩ || 4 pF
5 MΩ || 4 pF
20 MΩ || 5 pF
Typical CMRR
DC: >80 dB
100 kHz: >60 dB
3.2 MHz: >30 dB
50 MHz: >26 dB
DC: >80 dB
100 kHz: >60 dB
3.2 MHz: >40 dB
50 MHz: >30 dB
Cable length
1.8 m
Datasheet
2 www.tektronix.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com