Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMDP0200 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TMDP0200
Description  High-voltage Differential Probes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TMDP0200 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TMDP0200 Datasheet HTML 1Page - List of Unclassifed Manufacturers TMDP0200 Datasheet HTML 2Page - List of Unclassifed Manufacturers TMDP0200 Datasheet HTML 3Page - List of Unclassifed Manufacturers TMDP0200 Datasheet HTML 4Page - List of Unclassifed Manufacturers TMDP0200 Datasheet HTML 5Page - List of Unclassifed Manufacturers TMDP0200 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
High-voltage Differential Probes
TMDP0200 - THDP0200 - THDP0100 - P5200A - P5202A - P5205A -
P5210A
Tektronix offers a broad portfolio of high-voltage probing solutions that
enable users to safely and accurately make floating measurements.
Key performance specifications
Bandwidths up to 200 MHz
Up to 6000 V differential (DC + pk AC)
Up to 2300 V common (RMS)
Key features
Overrange Indicator
Safety Certified
Switchable Attenuation
Switchable bandwidth limit
Applications
Floating measurements
Switching power supply design
Motor drive design
Electronic ballast design
CRT display design
Power converter design and service
Power device evaluation
BNC interface (P5200A probes)
TekVPI
® interface (TMDP and THDP Series probes)
TekProbe
® interface (P5202A, P5205A, and P5210A Series probes)
Safe high-voltage probe solutions
The THDP0100 and P5210A have the largest differential dynamic range
capability from Tektronix, allowing users to safely measure up to ±6000 V.
The THDP0100 supports bandwidths up to 100 MHz and slew rates up to
2500 V/ns at 1/1000 gain. These probes are supplied with two sizes of hook
tips and have an overrange visual and audible indicator which warns the
user when they are exceeding the linear range of the probe.
The THDP0200 and P5205A are active differential probes that are capable
of safely measuring differential voltages up to ±1500 V. The probes are
effective in making measurements in IGBT circuits such as motor drives and
power converters. The THDP0200 supports bandwidths up to 200 MHz and
slew rates up to 275 V/ns at 1/250 gain.
The TMDP0200 and P5202A are designed for medium-voltage applications
with differential requirements up to ±750 V. These probes have lower
attenuation ranges and offer better signal-to-noise ratio.
The P5200A can be used with any oscilloscope and enables users to safely
make measurements of floating circuits with their oscilloscope grounded.
The P5200A Active Differential Probe converts floating signals to low-
voltage ground-referenced signals that can be displayed safely and easily
on any ground-referenced oscilloscope.


Similar Part No. - TMDP0200

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
TMDP0200 TEKTRONIX-TMDP0200 Datasheet
2Mb / 36P
Mixed Domain Oscilloscopes
TMDP0200 TEKTRONIX-TMDP0200 Datasheet
3Mb / 28P
Digital Phosphor Oscilloscopes
TMDP0200 TEKTRONIX-TMDP0200 Datasheet
961Kb / 18P
Mixed Signal Oscilloscopes
TMDP0200 TEKTRONIX-TMDP0200 Datasheet
2Mb / 46P
Mixed Domain Oscilloscopes
TMDP0200 TEKTRONIX-TMDP0200 Datasheet
2Mb / 40P
Mixed Domain Oscilloscopes
More results

Similar Description - TMDP0200

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P6015A ETC2-P6015A Datasheet
366Kb / 4P
Passive High-voltage Probes
P6248 ETC2-P6248 Datasheet
552Kb / 10P
Differential Probes
P7350 ETC2-P7350 Datasheet
1Mb / 4P
High-performance Differential Probes
TDP1000 ETC2-TDP1000 Datasheet
251Kb / 6P
1 GHz and 500 MHz High Voltage Differential Probes
TDP1500 ETC2-TDP1500 Datasheet
258Kb / 8P
Differential Probes
P250BR ETC2-P250BR Datasheet
195Kb / 2P
Oscilloscope / Differential Probes
logo
Amphenol Corporation
HTP60 AMPHENOL-HTP60 Datasheet
54Kb / 4P
High Temperature Probes
logo
TEKTRONIX, INC.
P3010 TEKTRONIX-P3010 Datasheet
1Mb / 4P
Passive Voltage Probes
P5100A TEKTRONIX-P5100A Datasheet
207Kb / 6P
Passive High Voltage Probes
P6248 TEKTRONIX-P6248 Datasheet
529Kb / 10P
Differential Probes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com