Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9221ARS Datasheet(PDF) 6 Page - Analog Devices

Part # AD9221ARS
Description  Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9221ARS Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9221ARS Datasheet HTML 2Page - Analog Devices AD9221ARS Datasheet HTML 3Page - Analog Devices AD9221ARS Datasheet HTML 4Page - Analog Devices AD9221ARS Datasheet HTML 5Page - Analog Devices AD9221ARS Datasheet HTML 6Page - Analog Devices AD9221ARS Datasheet HTML 7Page - Analog Devices AD9221ARS Datasheet HTML 8Page - Analog Devices AD9221ARS Datasheet HTML 9Page - Analog Devices AD9221ARS Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
REV. E
–6–
AD9221/AD9223/AD9220
(AVDD = 5 V, DVDD = 5 V, fSAMPLE = 1.5 MSPS, TA = 25 C)
AD9221–Typical Performance Characteristics
1.0
0.4
–0.6
0
4095
0.8
0.6
0.0
–0.4
0.2
–0.2
–0.8
–1.0
CODE
TPC 1. Typical DNL
FREQUENCY – MHz
80
75
40
0.1
1.0
70
65
45
60
55
50
–0.5dB
–6.0dB
–20.0dB
TPC 4. SINAD vs. Input Frequency
(Input Span = 2.0 V p-p, VCM = 2.5 V)
FREQUENCY – MHz
–50
–55
–90
0.1
1.0
–60
–65
–85
–70
–75
–80
–0.5dB
–6.0dB
–20.0dB
TPC 7. THD vs. Input Frequency
(Input Span = 5.0 V p-p, VCM = 2.5 V)
1.0
0.4
–1.0
0
4095
0.8
0.6
0.0
–0.8
0.2
–0.6
–0.2
–0.4
CODE
TPC 2. Typical INL
FREQUENCY – MHz
–50
–55
–90
0.1
1.0
–60
–65
–85
–70
–75
–80
–0.5dB
–6.0dB
–20.0dB
–95
–100
TPC 5. THD vs. Input Frequency
(Input Span = 2.0 V p-p, VCM = 2.5 V)
SAMPLE RATE – MSPS
–60
–65
–100
0.2
1
2
–70
–75
–95
–80
–85
–90
3
0.3
0.8
5V p-p
2V p-p
0.4
0.6
TPC 8. THD vs. Sample Rate
(AIN = –0.5 dB, fIN = 500 kHz,
VCM = 2.5 V)
CODE
121,764
8,180,388
85,895
N–1
N
N+1
TPC 3. “Grounded-Input”
Histogram (Input Span = 2 V p-p)
FREQUENCY – MHz
80
75
40
0.1
1.0
70
65
45
60
55
50
–0.5dB
–6.0dB
–20.0dB
TPC 6. SINAD vs. Input Frequency
(Input Span = 5.0 V p-p, VCM = 2.5 V)
AIN – dBFS
100
90
30
–60
–50
–30
–40
70
60
40
50
80
20
10
–20
–10
0
SFDR
SNR
TPC 9. SNR/SFDR vs. AIN (Input
Amplitude) (fIN = 500 kHz, Input
Span = 2 V p-p, VCM = 2.5 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com