Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9221ARS Datasheet(PDF) 13 Page - Analog Devices

Part # AD9221ARS
Description  Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9221ARS Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9221ARS Datasheet HTML 9Page - Analog Devices AD9221ARS Datasheet HTML 10Page - Analog Devices AD9221ARS Datasheet HTML 11Page - Analog Devices AD9221ARS Datasheet HTML 12Page - Analog Devices AD9221ARS Datasheet HTML 13Page - Analog Devices AD9221ARS Datasheet HTML 14Page - Analog Devices AD9221ARS Datasheet HTML 15Page - Analog Devices AD9221ARS Datasheet HTML 16Page - Analog Devices AD9221ARS Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
REV. E
AD9221/AD9223/AD9220
–13–
Table I. Analog Input Configuration Summary
Input
Input
Input Range (V)
Figure
Connection
Coupling
Span (V)
VINA
*
VINB
*
No.
Comments
Single-Ended
DC
2
0 to 2
1
13, 14
Best for stepped input response applica-
tions, suboptimum THD, and noise
performance. Requires
±5 V op amp.
2
× VREF 0 to
VREF
13, 14
Same as above but with improved noise
2
× VREF
performance due to increase in dynamic
range. Headroom/settling time require-
ments of
±5 V op amp should be evaluated.
50 to 5
2.5
13, 14
Optimum noise performance, excellent
THD performance. Requires op amp with
VCC > 5 V due to headroom issue.
2
× VREF 2.5 – VREF
2.5
24
Optimum THD performance with VREF =
to
1. Noise to performance improves while
2.5 + VREF
THD performance degrades as VREF
increases to 2.5 V. Single-supply operation
(i.e., 5 V) for many op amps.
Single-Ended
AC
2 or
0 to 1 or
1 or VREF
15
Suboptimum ac performance due to input
2
× VREF 0 to 2 × VREF
common-mode level not biased at optimum
midsupply level (i.e., 2.5 V).
50 to 5
2.5
15
Optimum noise performance, excellent THD
performance, ability to use
±5 V op amp.
2
× VREF 2.5 – VREF
2.5
16
Flexible input range, optimum THD
to
performance with VREF = 1. Noise
2.5 + VREF
performance improves while THD perfor-
mance degrades as VREF increases to 2.5 V.
Ability to use +5 V or
±5 V op amp.
Differential
AC
2
2 to 3
3 to 2
19
Optimum full-scale THD and SFDR
(via Transformer)
performance well beyond the A/D’s Nyquist
frequency. Preferred mode for under-
sampling applications.
2
× VREF 2.5 – VREF/2 2.5 + VREF/2 19
Same as 2 V to 3 V input range with the
to
to
exception that full-scale THD and SFDR
2.5 + VREF/2
2.5 – VREF/2
performance can be traded off for better
noise performance. Refer to discussion in AC
Coupling and Interface Issue section and
Simple AC Interface section.
5
1.75 to 3.25
3.25 to 1.75
19
Optimum Noise performance. Also, the
optimum THD and SFDR performance for
“less than” full-scale signals (i.e., –6 dBFS).
Refer to discussion in AC Coupling and
Interface Issue section and Simple AC
Interface section.
*VINA and VINB can be interchanged if signal inversion is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com