Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LC21TIP Datasheet(PDF) 1 Page - Microchip Technology

Part # 24LC21TIP
Description  1K 2.5V Dual Mode I2C Serial EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC21TIP Datasheet(HTML) 1 Page - Microchip Technology

  24LC21TIP Datasheet HTML 1Page - Microchip Technology 24LC21TIP Datasheet HTML 2Page - Microchip Technology 24LC21TIP Datasheet HTML 3Page - Microchip Technology 24LC21TIP Datasheet HTML 4Page - Microchip Technology 24LC21TIP Datasheet HTML 5Page - Microchip Technology 24LC21TIP Datasheet HTML 6Page - Microchip Technology 24LC21TIP Datasheet HTML 7Page - Microchip Technology 24LC21TIP Datasheet HTML 8Page - Microchip Technology 24LC21TIP Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
 2004 Microchip Technology Inc.
DS21095J-page 1
24LC21
Features:
• Single supply with operation down to 2.5V
• Completely implements DDC1/DDC2interface
for monitor identification
• Low-power CMOS technology:
- 1 mA active current typical
-10
µA standby current typical at 5.5V
• 2-wire serial interface bus, I2Ccompatible
• Self-timed write cycle (including auto-erase)
• Page-write buffer for up to 8 bytes
• 100 kHz (2.5V) and 400 kHz (5V) compatibility
• Factory programming (QTP) available
• 1,000,000 erase/write cycles ensured
• Data retention > 200 years
• 8-pin PDIP and SOIC package
• Available for extended temperature ranges
Description:
The Microchip Technology Inc. 24LC21 is a 128 x 8 bit
Electrically Erasable PROM. This device is designed
for use in applications requiring storage and serial
transmission of configuration and control information.
Two modes of operation have been implemented:
Transmit-only mode and Bidirectional mode. Upon
power-up, the device will be in the Transmit-only mode,
sending a serial bit stream of the entire memory array
contents, clocked by the VCLK pin. A valid high-to-low
transition on the SCL pin will cause the device to enter
the Bidirectional mode, with byte selectable read/write
capability of the memory array. The 24LC21 is available
in a standard 8-pin PDIP and SOIC package, in both
commercial and industrial temperature ranges.
Package Types
Block Diagram
Commercial (C):
0°C to +70°C
Industrial (I):
-40°C to +85°C
NC
NC
NC
VSS
1
2
3
4
8
7
6
5
VCC
VCLK
SCL
SDA
NC
NC
NC
VSS
1
2
3
4
8
7
5
5
VCC
VCLK
SCL
SDA
PDIP
SOIC
HV Generator
EEPROM
Array
Page Latches
YDEC
XDEC
Sense Amp
R/W Control
Memory
Control
Logic
I/O
Control
Logic
VCLK
SDA SCL
VCC
VSS
1K 2.5V Dual Mode I2CSerial EEPROM
I2C is a trademark of Philips Corporation.
DDC is a trademark of the Video Electronics Standards Association.
Not recommended for new designs –
Please use 24LCS21A.


Similar Part No. - 24LC21TIP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC21T-/P MICROCHIP-24LC21T-/P Datasheet
306Kb / 24P
1K 2.5V Dual Mode I2C Serial EEPROM
2004
24LC21T-/SN MICROCHIP-24LC21T-/SN Datasheet
306Kb / 24P
1K 2.5V Dual Mode I2C Serial EEPROM
2004
24LC21T-I/P MICROCHIP-24LC21T-I/P Datasheet
306Kb / 24P
1K 2.5V Dual Mode I2C Serial EEPROM
2004
24LC21T-I/SN MICROCHIP-24LC21T-I/SN Datasheet
306Kb / 24P
1K 2.5V Dual Mode I2C Serial EEPROM
2004
More results

Similar Description - 24LC21TIP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC41 MICROCHIP-24LC41_04 Datasheet
139Kb / 18P
1K/4K 2.5V Dual Mode, Dual Port I2C??Serial EEPROM
2004
24LC21 MICROCHIP-24LC21_04 Datasheet
306Kb / 24P
1K 2.5V Dual Mode I2C Serial EEPROM
2004
24LCS21A MICROCHIP-24LCS21A_05 Datasheet
349Kb / 20P
1K 2.5V Dual Mode I2C??Serial EEPROM
2005
24LC41A MICROCHIP-24LC41A Datasheet
233Kb / 18P
1K/4K 2.5V Dual Mode, Dual Port I2C??Serial EEPROM
2003
24LC21A MICROCHIP-24LC21A_08 Datasheet
357Kb / 26P
1K 2.5V Dual Mode I2C??Serial EEPROM
2008
24LC21AT-ISN MICROCHIP-24LC21AT-ISN Datasheet
357Kb / 26P
1K 2.5V Dual Mode I2C??Serial EEPROM
2008
24LC21 MICROCHIP-24LC21_13 Datasheet
379Kb / 24P
1K 2.5V Dual Mode I2C??Serial EEPROM
10/26/12
24LCS21 MICROCHIP-24LCS21_13 Datasheet
240Kb / 24P
1K 2.5V Dual Mode I2C??Serial EEPROM
10/26/12
24LC21A MICROCHIP-24LC21A Datasheet
180Kb / 18P
1K 2.5V Dual Mode I2C Serial EEPROM
07/28/03
24LC21A-I MICROCHIP-24LC21A-I Datasheet
180Kb / 18P
1K 2.5V Dual Mode I2C Serial EEPROM
07/28/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com