Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24HJ128GP310 Datasheet(PDF) 13 Page - Microchip Technology

Part # PIC24HJ128GP310
Description  High-Performance,16-Bit Microcontrollers
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24HJ128GP310 Datasheet(HTML) 13 Page - Microchip Technology

Back Button PIC24HJ128GP310 Datasheet HTML 9Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 10Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 11Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 12Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 13Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 14Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 15Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 16Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 286 page
background image
© 2007 Microchip Technology Inc.
DS70175F-page 11
PIC24HJXXXGPX06/X08/X10
1.0
DEVICE OVERVIEW
This document contains device specific information for
the following devices:
• PIC24HJ64GP206
• PIC24HJ64GP210
• PIC24HJ64GP506
• PIC24HJ64GP510
• PIC24HJ128GP206
• PIC24HJ128GP210
• PIC24HJ128GP506
• PIC24HJ128GP510
• PIC24HJ128GP306
• PIC24HJ128GP310
• PIC24HJ256GP206
• PIC24HJ256GP210
• PIC24HJ256GP610
The
PIC24HJXXXGPX06/X08/X10
device
family
includes devices with different pin counts (64 and 100
pins), different program memory sizes (64 Kbytes, 128
Kbytes and 256 Kbytes) and different RAM sizes (8
Kbytes and 16 Kbytes).
This makes these families suitable for a wide variety of
high-performance digital signal control applications.
The devices are pin compatible with the dsPIC33F fam-
ily of devices, and also share a very high degree of
compatibility with the dsPIC30F family devices. This
allows easy migration between device families as may
be necessitated by the specific functionality, computa-
tional resource and system cost requirements of the
application.
The
PIC24HJXXXGPX06/X08/X10
device
family
employs a powerful 16-bit architecture, ideal for
applications that rely on high-speed, repetitive
computations, as well as control.
The 17 x 17 multiplier, hardware support for division
operations, multi-bit data shifter, a large array of 16-bit
working registers and a wide variety of data addressing
modes,
together
provide
the
PIC24HJXXXGPX06/X08/X10 Central Processing Unit
(CPU)
with
extensive
mathematical
processing
capability. Flexible and deterministic interrupt handling,
coupled with a powerful array of peripherals, renders
the PIC24HJXXXGPX06/X08/X10 devices suitable for
control applications. Further, Direct Memory Access
(DMA) enables overhead-free transfer of data between
several peripherals and a dedicated DMA RAM.
Reliable, field programmable Flash program memory
ensures
scalability
of
applications
that
use
PIC24HJXXXGPX06/X08/X10 devices.
Figure 1-1 shows a general block diagram of the
various
core
and
peripheral
modules
in
the
PIC24HJXXXGPX06/X08/X10 family of devices, while
Table 1-1 lists the functions of the various pins shown
in the pinout diagrams.
Note:
This data sheet summarizes the features
of
this
group
of PIC24HJXXXGPX06/X08/X10 devices.
It is not intended to be a comprehensive
reference source. To complement the
information in this data sheet, refer to the
“PIC24H Family Reference Manual”.
Refer
to
the
Microchip
web
site
(www.microchip.com)
for
the
latest
PIC24H
Family
Reference
Manual
sections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com