Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24HJ128GP310 Datasheet(PDF) 17 Page - Microchip Technology

Part # PIC24HJ128GP310
Description  High-Performance,16-Bit Microcontrollers
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24HJ128GP310 Datasheet(HTML) 17 Page - Microchip Technology

Back Button PIC24HJ128GP310 Datasheet HTML 13Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 14Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 15Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 16Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 17Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 18Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 19Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 20Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 286 page
background image
© 2007 Microchip Technology Inc.
DS70175F-page 15
PIC24HJXXXGPX06/X08/X10
2.0
CPU
The PIC24HJXXXGPX06/X08/X10 CPU module has a
16-bit (data) modified Harvard architecture with an
enhanced instruction set and addressing modes. The
CPU has a 24-bit instruction word with a variable length
opcode field. The Program Counter (PC) is 23 bits wide
and addresses up to 4M x 24 bits of user program
memory space. The actual amount of program memory
implemented varies by device. A single-cycle instruction
prefetch mechanism is used to help maintain throughput
and provides predictable execution. All instructions
execute in a single cycle, with the exception of
instructions that change the program flow, the double
word move (MOV.D) instruction and the table instructions.
Overhead-free, single-cycle program loop constructs are
supported using the REPEAT instruction, which is
interruptible at any point.
The
PIC24HJXXXGPX06/X08/X10
devices
have
sixteen, 16-bit working registers in the programmer’s
model. Each of the working registers can serve as a data,
address or address offset register. The 16th working
register (W15) operates as a software Stack Pointer (SP)
for interrupts and calls.
The PIC24HJXXXGPX06/X08/X10 instruction set
includes many addressing modes and is designed for
optimum C compiler efficiency. For most instructions,
the PIC24HJXXXGPX06/X08/X10 is capable of
executing a data (or program data) memory read, a
working register (data) read, a data memory write and
a program (instruction) memory read per instruction
cycle. As a result, three parameter instructions can be
supported, allowing A + B = C operations to be
executed in a single cycle.
A block diagram of the CPU is shown in Figure 2-1,
and
the
programmer’s
model
for
the
PIC24HJXXXGPX06/X08/X10 is shown in Figure 2-2.
2.1
Data Addressing Overview
The data space can be linearly addressed as 32K words
or 64 Kbytes using an Address Generation Unit (AGU).
The upper 32 Kbytes of the data space memory map can
optionally be mapped into program space at any 16K
program word boundary defined by the 8-bit Program
Space Visibility Page (PSVPAG) register. The program
to data space mapping feature lets any instruction
access program space as if it were data space.
The data space also includes 2 Kbytes of DMA RAM,
which is primarily used for DMA data transfers, but may
be used as general purpose RAM.
2.2
Special MCU Features
The PIC24HJXXXGPX06/X08/X10 features a 17-bit by
17-bit, single-cycle multiplier. The multiplier can
perform
signed,
unsigned
and
mixed-sign
multiplication. Using a 17-bit by 17-bit multiplier for
16-bit by 16-bit multiplication makes mixed-sign
multiplication possible.
The PIC24HJXXXGPX06/X08/X10 supports 16/16 and
32/16 integer divide operations. All divide instructions
are iterative operations. They must be executed within
a REPEAT loop, resulting in a total execution time of 19
instruction cycles. The divide operation can be
interrupted during any of those 19 cycles without loss
of data.
A multi-bit data shifter is used to perform up to a 16-bit,
left or right shift in a single cycle.
Note:
This data sheet summarizes the features
of
this
group
of PIC24HJXXXGPX06/X08/X10 devices.
It is not intended to be a comprehensive
reference source. To complement the
information in this data sheet, refer to the
“PIC24H Family Reference Manual”.
Refer
to
the
Microchip
web
site
(www.microchip.com)
for
the
latest
PIC24H
Family
Reference
Manual
sections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com