Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC53N2902ECTTR Datasheet(PDF) 1 Page - Microchip Technology

Part # TC53N2902ECTTR
Description  Voltage Detector
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC53N2902ECTTR Datasheet(HTML) 1 Page - Microchip Technology

  TC53N2902ECTTR Datasheet HTML 1Page - Microchip Technology TC53N2902ECTTR Datasheet HTML 2Page - Microchip Technology TC53N2902ECTTR Datasheet HTML 3Page - Microchip Technology TC53N2902ECTTR Datasheet HTML 4Page - Microchip Technology TC53N2902ECTTR Datasheet HTML 5Page - Microchip Technology TC53N2902ECTTR Datasheet HTML 6Page - Microchip Technology TC53N2902ECTTR Datasheet HTML 7Page - Microchip Technology TC53N2902ECTTR Datasheet HTML 8Page - Microchip Technology TC53N2902ECTTR Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
 2002 Microchip Technology Inc.
DS21432C-page 1
M
TC53
Features
• Highly Accurate: ±2%
• Low Power Consumption: 1.0
µA, Typ.
• Detect Voltage Range: 1.6V to 6.0V and 7.7V
• Operating Voltage: 1.5V to 10.0V
• Output Configuration: Open-Drain or CMOS
• Space-Saving 5-Pin SOT-23A Package
Typical Applications
• Microprocessor Reset Circuits
• Battery Life Monitors and Recharge Voltage
Monitors
• Memory Battery Backup Circuitry
• Power-On Reset Circuits
• Power Failure Detection
• Delay Circuitry
Device Selection Table
Other output voltages are available. Please contact Microchip
Technology Inc. for details.
Package Type
General Description
The TC53 is a low power voltage detector. Typical
supply current consumption is only 1
µA at an input
voltage of 2V. The voltage detection threshold setting is
factory-programmed and guaranteed to ±2% accuracy.
Threshold settings are available over a range of 1.6V
to 6.0V. The TC53 has both complementary (CMOS)
and open drain (NMOS) output configuration options.
TC53 is the ideal voltage detector for precision
applications in which small size, low installed cost, high
accuracy and low supply current consumption are
critical.
Functional Block Diagram
Part Number
Package
Temp. Range
TC53-xxxxxxxxxx
5-Pin SOT-23A -40°C to +85°C
5
5-Pin SOT-23A
TC53
1
3
4
2
NC
VOUT
VIN
VSS
NC
VREF
VSS
VOUT
VIN
VREF
VSS
VOUT
VIN
2) N-Channel
Open Drain Output
1) CMOS Output
Voltage Detector


Similar Part No. - TC53N2902ECTTR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC53N2802CTTR MICROCHIP-TC53N2802CTTR Datasheet
167Kb / 10P
TC53
2002
TC53N2802ETR MICROCHIP-TC53N2802ETR Datasheet
167Kb / 10P
TC53
2002
More results

Similar Description - TC53N2902ECTTR

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2405 NJRC-NJM2405 Datasheet
161Kb / 4P
VOLTAGE DETECTOR
logo
TelCom Semiconductor, I...
TC54 TELCOM-TC54 Datasheet
50Kb / 3P
VOLTAGE DETECTOR
logo
TOKO, Inc
TK610XX TOKO-TK610XX Datasheet
52Kb / 8P
VOLTAGE DETECTOR
logo
RICOH electronics devic...
R5VL20C RICOH-R5VL20C Datasheet
300Kb / 29P
VOLTAGE DETECTOR
logo
New Japan Radio
NJU7706 NJRC-NJU7706 Datasheet
79Kb / 9P
VOLTAGE DETECTOR
logo
BCD Semiconductor Manuf...
AZ70XX BCDSEMI-AZ70XX Datasheet
144Kb / 12P
VOLTAGE DETECTOR
logo
Microchip Technology
TC54 MICROCHIP-TC54_07 Datasheet
229Kb / 16P
Voltage Detector
2007
logo
Texas Instruments
TPS3803-01 TI1-TPS3803-01_12 Datasheet
699Kb / 17P
VOLTAGE DETECTOR
TPS3803-01-EP TI1-TPS3803-01-EP_16 Datasheet
925Kb / 18P
VOLTAGE DETECTOR
logo
E-CMOS Corporation
EC9518C E-CMOS-EC9518C Datasheet
439Kb / 9P
VOLTAGE DETECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com