Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC53N2902ECTTR Datasheet(PDF) 2 Page - Microchip Technology

Part # TC53N2902ECTTR
Description  Voltage Detector
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC53N2902ECTTR Datasheet(HTML) 2 Page - Microchip Technology

  TC53N2902ECTTR Datasheet HTML 1Page - Microchip Technology TC53N2902ECTTR Datasheet HTML 2Page - Microchip Technology TC53N2902ECTTR Datasheet HTML 3Page - Microchip Technology TC53N2902ECTTR Datasheet HTML 4Page - Microchip Technology TC53N2902ECTTR Datasheet HTML 5Page - Microchip Technology TC53N2902ECTTR Datasheet HTML 6Page - Microchip Technology TC53N2902ECTTR Datasheet HTML 7Page - Microchip Technology TC53N2902ECTTR Datasheet HTML 8Page - Microchip Technology TC53N2902ECTTR Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TC53
DS21432C-page 2
 2002 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings*
Input Voltage ........................................................+12V
Output Current ....................................................50mA
Output Voltage ......................VIN + 0.3V to VSS – 0.3V
Power Dissipation
5-Pin SOT-23A ...........................................240mW
Operating Temperature Range.............-40°C to +85°C
Storage Temperature Range ..............-40°C to +125°C
*Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. These
are stress ratings only and functional operation of the device
at these or any other conditions above those indicated in the
operation sections of the specifications is not implied.
Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability.
TC53 ELECTRICAL SPECIFICATIONS
Electrical Characteristics: TA = 25°C, unless otherwise specified. Note 1, Note 2.
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions
VDF
Detect Voltage
VT x 0.98
VT ±0.5%
VT x 1.02
V
Note 3
VHYS
Hysteresis Range
VDF x 0.02 VDF x 0.05 VDF x 0.08
V
ISS
Supply Current
—
—
—
—
—
0.9
1.0
1.3
1.6
2.0
2.6
3.0
3.4
3.8
4.2
µAVIN = 1.5V
VIN = 2.0V
VIN = 3.0V
VIN = 4.0V
VIN = 5.0V
VIN
Operating Voltage
1.5
—
10.0
V
VDF = 2.1 to 6.0V
IOUT
Output Current
—
—
—
—
—
2.2
7.7
10.1
11.5
13.0
—
—
—
—
—
mA
N-ch; VDS = 0.5V, VIN = 1.0V
VIN = 2.0V
VIN = 3.0V
VIN = 4.0V
VIN = 5.0V
—
-10.0
—
P-ch; VDS = 2.1V, VIN = 8.0V
(CMOS Output)
∆VDF/
(
∆TOPR VDF)
Temperature Characteristics
—
±100
—
ppm/°C
tDLY
Delay Time
(VDR → VOUT Inversion)
——
0.2
msec
Note
1:
An additional resistor between the VIN pin and the supply voltage may alter the electrical characteristics due to the increasing values of
VDR.
2:
The power consumption during power-start to output being stable (release operation) is 2
µA greater than it is after that period
(completion of release operation) because of rush current in the delay circuit.
3:
VT is the factory-programmed voltage detection threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com