Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC4424A Datasheet(PDF) 1 Page - Microchip Technology

Part # TC4424A
Description  3A Dual High-Speed Power MOSFET Drivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4424A Datasheet(HTML) 1 Page - Microchip Technology

  TC4424A Datasheet HTML 1Page - Microchip Technology TC4424A Datasheet HTML 2Page - Microchip Technology TC4424A Datasheet HTML 3Page - Microchip Technology TC4424A Datasheet HTML 4Page - Microchip Technology TC4424A Datasheet HTML 5Page - Microchip Technology TC4424A Datasheet HTML 6Page - Microchip Technology TC4424A Datasheet HTML 7Page - Microchip Technology TC4424A Datasheet HTML 8Page - Microchip Technology TC4424A Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
© 2007 Microchip Technology Inc.
DS21998B-page 1
TC4423A/TC4424A/TC4425A
Features
• High Peak Output Current: 4.5A (typical)
• Wide Input Supply Voltage Operating Range:
- 4.5V to 18V
• High Capacitive Load Drive Capability:
- 1800 pF in 12 ns
• Short Delay Times: 40 ns (typical)
• Matched Rise/Fall Times
• Low Supply Current:
- With Logic ‘1’ Input – 1.0 mA (maximum)
- With Logic ‘0’ Input – 150 µA (maximum)
• Low Output Impedance: 2.5
Ω (typical)
• Latch-Up Protected: Will Withstand 1.5A Reverse
Current
• Logic Input Will Withstand Negative Swing Up To
5V
• Pin compatible with the TC4423/TC4424/TC4425
and TC4426A/TC4427A/TC4428A devices
• Space-saving 8-Pin 150 mil body SOIC and 8-Pin
6x5 DFN Packages
Applications
• Switch Mode Power Supplies
• Pulse Transformer Drive
• Line Drivers
• Direct Drive of Small DC Motors
General Description
The TC4423A/TC4424A/TC4425A devices are a family
of dual-output 3A buffers/MOSFET drivers. These
devices are improved versions of the earlier TC4423/
TC4424/TC4425 dual-output 3A driver family. This
improved version features higher peak output current
drive capability, lower shoot-throught current, matched
rise/fall times and propagation delay times. The
TC4423A/TC4424A/TC4425A
devices
are
pin-
compatible with the existing TC4423/TC4424/TC4425
family. An 8-pin SOIC package option has been added
to the family. The 8-pin DFN package option offers
increased power dissipation capability for driving
heavier capacitive or resistive loads.
The TC4423A/TC4424A/TC4425A MOSFET drivers
can easily charge and discharge 1800 pF gate
capacitance in under 20 ns, provide low enough
impedances in both the on and off states to ensure the
MOSFET’s intended state will not be affected, even by
large transients.
The TC4423A/TC4424A/TC4425A inputs may be
driven directly from either TTL or CMOS (2.4V to 18V).
In addition, the 300 mV of built-in hysteresis provides
noise immunity and allows the device to be driven from
slow rising or falling waveforms.
The TC4423A/TC4424A/TC4425A dual-output 3A
MOSFET driver family is offerd with a -40oC to +125oC
temperature rating, making it useful in any wide
temperature range application.
Package Types
NC
IN A
GND
IN B
2
3
4
5
6
7
8
1
1
2
3
4
NC
5
6
7
8
OUT A
OUT B
NC
IN A
GND
IN B
VDD
TC4423A
TC4424A
Note 1: Exposed pad of the DFN package is electrically isolated.
2: Duplicate pins must both be connected for proper operation
.
TC4423A TC4424A
NC
OUT A
OUT B
VDD
TC4423A
TC4424A
TC4425A
NC
OUT A
OUT B
VDD
TC4425A
TC4425A
NC
OUT A
OUT B
VDD
TC4423A TC4424A
NC
OUT A
OUT B
VDD
TC4425A
NC
OUT A
OUT B
VDD
8-Pin PDIP/SOIC
8-Pin 6x5 DFN (1)
1
2
3
4
5
6
7
8
16
13
12
11
10
9
NC
IN A
NC
GND
GND
NC
IN B
NC
NC
OUT A
VDD
VDD
OUT B
OUT B
NC
OUT A
15
14
TC4423A
TC4424A
TC4425A
16-Pin SOIC (Wide
)
NC
OUT A
VDD
VDD
OUT B
OUT B
NC
OUT A
OUT A
VDD
VDD
OUT B
OUT B
NC
OUT A
TC4423A TC4424A TC4425A
NC
3A Dual High-Speed Power MOSFET Drivers


Similar Part No. - TC4424A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC4424A MICROCHIP-TC4424A Datasheet
771Kb / 22P
3A Dual High-Speed Power MOSFET Drivers
2007
TC4424A MICROCHIP-TC4424A Datasheet
773Kb / 22P
3A Dual High-Speed Power MOSFET Drivers
12/08/06
TC4424AVOA MICROCHIP-TC4424AVOA Datasheet
773Kb / 22P
3A Dual High-Speed Power MOSFET Drivers
12/08/06
TC4424AVOA713 MICROCHIP-TC4424AVOA713 Datasheet
773Kb / 22P
3A Dual High-Speed Power MOSFET Drivers
12/08/06
TC4424AVOE MICROCHIP-TC4424AVOE Datasheet
773Kb / 22P
3A Dual High-Speed Power MOSFET Drivers
12/08/06
More results

Similar Description - TC4424A

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC4423 TELCOM-TC4423 Datasheet
84Kb / 7P
3A DUAL HIGH-SPEED POWER MOSFET DRIVERS
logo
Microchip Technology
TC4423 MICROCHIP-TC4423 Datasheet
71Kb / 9P
3A DUAL HIGH-SPEED POWER MOSFET DRIVERS
2001
TC4423 MICROCHIP-TC4423_04 Datasheet
321Kb / 18P
3A Dual High-Speed Power MOSFET Drivers
2004
TC4423M MICROCHIP-TC4423M Datasheet
225Kb / 18P
3A Dual High-Speed Power MOSFET Drivers
2005
TC4423A MICROCHIP-TC4423A Datasheet
771Kb / 22P
3A Dual High-Speed Power MOSFET Drivers
2007
logo
Unisonic Technologies
UTC4424 UTC-UTC4424 Datasheet
171Kb / 4P
3A Dual High-Speed Power MOSFET Drivers
logo
Microchip Technology
TC4423 MICROCHIP-TC4423_13 Datasheet
358Kb / 20P
3A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
TC4424AVOA MICROCHIP-TC4424AVOA Datasheet
773Kb / 22P
3A Dual High-Speed Power MOSFET Drivers
12/08/06
TC4424AVOA713 MICROCHIP-TC4424AVOA713 Datasheet
773Kb / 22P
3A Dual High-Speed Power MOSFET Drivers
12/08/06
TC4424AVOE MICROCHIP-TC4424AVOE Datasheet
773Kb / 22P
3A Dual High-Speed Power MOSFET Drivers
12/08/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com