Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC4424AVPA Datasheet(PDF) 6 Page - Microchip Technology

Part # TC4424AVPA
Description  3A Dual High-Speed Power MOSFET Drivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4424AVPA Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC4424AVPA Datasheet HTML 2Page - Microchip Technology TC4424AVPA Datasheet HTML 3Page - Microchip Technology TC4424AVPA Datasheet HTML 4Page - Microchip Technology TC4424AVPA Datasheet HTML 5Page - Microchip Technology TC4424AVPA Datasheet HTML 6Page - Microchip Technology TC4424AVPA Datasheet HTML 7Page - Microchip Technology TC4424AVPA Datasheet HTML 8Page - Microchip Technology TC4424AVPA Datasheet HTML 9Page - Microchip Technology TC4424AVPA Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
TC4423A/TC4424A/TC4425A
DS21998B-page 6
© 2007 Microchip Technology Inc.
Typical Performance Curves (Continued)
Note: Unless otherwise indicated, TA = +25°C with 4.5V <= VDD <= 18V.
FIGURE 2-7:
Propagation Delay Time vs.
Supply Voltage.
FIGURE 2-8:
Quiescent Current vs.
Supply Voltage.
FIGURE 2-9:
Output Resistance (Output
Low) vs. Supply Voltage.
FIGURE 2-10:
Propagation Delay Time vs.
Temperature.
FIGURE 2-11:
Quiescent Current vs.
Temperature.
FIGURE 2-12:
Output Resistance (Output
High) vs. Supply Voltage.
30
40
50
60
70
80
90
100
4
6
8
10
121416
18
Supply Voltage (V)
tD1
tD2
CLOAD = 1800 pF
0
0.1
0.2
0.3
0.4
0.5
4
6
8
10
12141618
Supply Voltage (V)
Both Inputs = 1
Both Inputs = 0
VDD = 18V
1
2
3
4
5
6
7
4
6
8
10
12
14
16
18
Supply Voltage (V)
TJ = 150
oC
TJ = 25
oC
VIN = 5V (TC4424A)
VIN = 0V (TC4423A)
30
35
40
45
50
55
60
65
70
-40 -25 -10
5
20 35 50 65 80 95 110 125
Temperature (
oC)
tD1
tD2
CLOAD = 1800 pF
VDD = 18V
VIN = 5V
0
0.1
0.2
0.3
0.4
0.5
-40 -25 -10
5
20 35 50 65 80 95 110 125
Temperature (
oC)
Both Inputs = 1
Both Inputs = 0
VDD = 18V
2
3
4
5
6
7
8
4
6
8
1012141618
Supply Voltage (V)
TJ = 150
oC
TJ = 25
oC
VIN = 0V (TC4424A)
VIN = 5V (TC4423A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com