Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC4424AVPA Datasheet(PDF) 10 Page - Microchip Technology

Part # TC4424AVPA
Description  3A Dual High-Speed Power MOSFET Drivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4424AVPA Datasheet(HTML) 10 Page - Microchip Technology

Back Button TC4424AVPA Datasheet HTML 6Page - Microchip Technology TC4424AVPA Datasheet HTML 7Page - Microchip Technology TC4424AVPA Datasheet HTML 8Page - Microchip Technology TC4424AVPA Datasheet HTML 9Page - Microchip Technology TC4424AVPA Datasheet HTML 10Page - Microchip Technology TC4424AVPA Datasheet HTML 11Page - Microchip Technology TC4424AVPA Datasheet HTML 12Page - Microchip Technology TC4424AVPA Datasheet HTML 13Page - Microchip Technology TC4424AVPA Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
TC4423A/TC4424A/TC4425A
DS21998B-page 10
© 2007 Microchip Technology Inc.
4.0
APPLICATIONS INFORMATION
FIGURE 4-1:
Inverting Driver Switching
Time.
FIGURE 4-2:
Non-inverting Driver
Switching Time.
0.1 µF
+5V
10%
90%
10%
90%
10%
90%
18V
1µF
WIMA
MKS-2
0V
0V
TC4423A
(1/2 TC4425A)
1
2
CL = 1800 pF
Input
Input
Output
tD1
tF
tD2
Input: 100 kHz,
square wave,
Output
tR
V
DD = 18V
tRISE = tFALL ≤ 10 ns
Ceramic
90%
Input
tD1
tF
tD2
Output
tR
10%
10%
10%
+5V
18V
0V
0V
90%
90%
Input: 100 kHz,
square wave,
tRISE = tFALL ≤ 10 ns
0.1 µF
1µF
WIMA
MKS-2
TC4424A
(1/2 TC4425A)
1
2
CL = 1800 pF
Input
Output
V
DD = 18V
Ceramic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com