Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7106CLW Datasheet(PDF) 22 Page - Microchip Technology

Part # TC7106CLW
Description  3-1/2 Digit Analog-to-Digital Converters
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7106CLW Datasheet(HTML) 22 Page - Microchip Technology

Back Button TC7106CLW Datasheet HTML 18Page - Microchip Technology TC7106CLW Datasheet HTML 19Page - Microchip Technology TC7106CLW Datasheet HTML 20Page - Microchip Technology TC7106CLW Datasheet HTML 21Page - Microchip Technology TC7106CLW Datasheet HTML 22Page - Microchip Technology TC7106CLW Datasheet HTML 23Page - Microchip Technology TC7106CLW Datasheet HTML 24Page - Microchip Technology TC7106CLW Datasheet HTML 25Page - Microchip Technology TC7106CLW Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
TC7106/A/TC7107/A
DS21455D-page 22
© 2008 Microchip Technology Inc.
FIGURE 10-8:
TC7106/TC7107:
Recommended Component Values for 2.00V Full
Scale.
FIGURE 10-9:
TC7107 Operated from
Single +5V Supply.
FIGURE 10-10:
3-1/2 Digit True RMS AC DMM.
100 k
Ω
100 pF
0.047 µF
470 k
Ω
0.22 µF
To Display
0.1 µF
25 k
Ω
24 k
Ω
V+
Set V
REF
= 1V
0.01 µF
+
IN
1M
Ω
–
V-
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
To Pin 1
TC7106A
TC7107A
100pF
0.47µF
47k
Ω
To Display
0.1 µF
1k
Ω
V+
Set V
REF
= 100mV
10k
Ω
10k
Ω
1.2V
0.01µF
–
IN
1M
Ω
100k
Ω
0.22 µF
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
TC7107A
To PIn 1
+
SEG
DRIVE
47 kΩ
1W
10%
+
1
2
3
4
5
6
7
8
9
10
11
12
13
14
AD636
–
6.8µF
0.02
mF
20 kΩ
10%
10 kΩ
1MΩ
1MΩ
IN4148
1mF
–
+
9MΩ
900 kΩ
90 kΩ
10 kΩ
200 mV
2V
20V
200V
COM
VIN
TC7106A
LCD Display
24 kΩ
1kΩ
2.2µF
0.01
1MΩ 10%
9V
+
1
36
35
32
31
30
26
V+
Analog Common
VIN+
VIN-
26
27
29
28
40
38
39
BP
V-
C1 = 3 - 10 pF Variable
C2 = 132 pF Variable
VREF+
VREF-
V-
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com