Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7106CLW Datasheet(PDF) 23 Page - Microchip Technology

Part # TC7106CLW
Description  3-1/2 Digit Analog-to-Digital Converters
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7106CLW Datasheet(HTML) 23 Page - Microchip Technology

Back Button TC7106CLW Datasheet HTML 19Page - Microchip Technology TC7106CLW Datasheet HTML 20Page - Microchip Technology TC7106CLW Datasheet HTML 21Page - Microchip Technology TC7106CLW Datasheet HTML 22Page - Microchip Technology TC7106CLW Datasheet HTML 23Page - Microchip Technology TC7106CLW Datasheet HTML 24Page - Microchip Technology TC7106CLW Datasheet HTML 25Page - Microchip Technology TC7106CLW Datasheet HTML 26Page - Microchip Technology TC7106CLW Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
© 2008 Microchip Technology Inc.
DS21455D-page 23
TC7106/A/TC7107/A
FIGURE 10-11:
Integrated Circuit Temperature Sensor.
TC7106A
VREF-
Common
VIN+
V+
+
–
9V
V+
2
1
4
26
6
5
3
2
3
1
4
8
Temperature
Dependent
Output
NC
1.3k
50 k
Ω
Constant 5V
50 k
Ω
51 k
Ω
5.1 k
Ω
R
4
R
5
R1
R2
VOUT=
1.86V @
25×C
VIN-
VFS= 2.00V
GND
V-
V
OUT
ADJ
TEMP
REF02
TC911
VREF+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com