Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7107ACKW Datasheet(PDF) 21 Page - Microchip Technology

Part # TC7107ACKW
Description  3-1/2 Digit Analog-to-Digital Converters
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7107ACKW Datasheet(HTML) 21 Page - Microchip Technology

Back Button TC7107ACKW Datasheet HTML 17Page - Microchip Technology TC7107ACKW Datasheet HTML 18Page - Microchip Technology TC7107ACKW Datasheet HTML 19Page - Microchip Technology TC7107ACKW Datasheet HTML 20Page - Microchip Technology TC7107ACKW Datasheet HTML 21Page - Microchip Technology TC7107ACKW Datasheet HTML 22Page - Microchip Technology TC7107ACKW Datasheet HTML 23Page - Microchip Technology TC7107ACKW Datasheet HTML 24Page - Microchip Technology TC7107ACKW Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
© 2008 Microchip Technology Inc.
DS21455D-page 21
TC7106/A/TC7107/A
FIGURE 10-4:
Positive Temperature
Coefficient Resistor Temperature Sensor.
FIGURE 10-5:
TC7106A, Using the Internal
Reference: 200 mV Full Scale, 3 Readings-Per-
Second (RPS).
FIGURE 10-6:
TC7107 Internal Reference:
200 mV Full Scale, 3RPS, V
IN- Tied to GND for
Single Ended Inputs.
FIGURE 10-7:
Circuit for Developing Under
Range and Over Range Signals from TC7106A
Outputs.
TC7106A
V+
V-
V
IN
-
V
IN
+
V
REF
+
V
REF
-
Common
5.6 k
Ω
160 k
Ω
R
2
20 k
Ω
1N914
9V
R1
20 k
Ω
+
R
3
0.7%/×C
PTC
100 kΩ
100 pF
0.47 µF
47 k
Ω
0.22 µF
To Display
To Backplane
0.1 µF
21
1k
Ω
22 k
Ω
9V
Set V
REF
= 100 mV
TC7106A
0.01 µF
+
IN
1M
Ω
–
To Pin 1
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
+
–
100 k
Ω
100 pF
0.47 µF
47 k
Ω
0.22µF
To Display
0.1 µF
21
1k
Ω
22 k
Ω
Set V
REF
= 100 mV
0.01 µF
+
IN
1M
Ω
–
To Pin 1
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
-5V
+5V
TC7107A
21
20
40
To Logic
V
CC
V-
To Logic
V
CC
V+
CD4077
U/R
O/R
CD4023
OR 74C10
TC7106A
1
O/R = Over Range
U/R = Under Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com