Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7107ACKW Datasheet(PDF) 2 Page - Microchip Technology

Part # TC7107ACKW
Description  3-1/2 Digit Analog-to-Digital Converters
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7107ACKW Datasheet(HTML) 2 Page - Microchip Technology

  TC7107ACKW Datasheet HTML 1Page - Microchip Technology TC7107ACKW Datasheet HTML 2Page - Microchip Technology TC7107ACKW Datasheet HTML 3Page - Microchip Technology TC7107ACKW Datasheet HTML 4Page - Microchip Technology TC7107ACKW Datasheet HTML 5Page - Microchip Technology TC7107ACKW Datasheet HTML 6Page - Microchip Technology TC7107ACKW Datasheet HTML 7Page - Microchip Technology TC7107ACKW Datasheet HTML 8Page - Microchip Technology TC7107ACKW Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
TC7106/A/TC7107/A
DS21455D-page 2
© 2008 Microchip Technology Inc.
Package Type
TC7106ACPL
TC7107AIPL
1
2
3
4
OSC1
5
6
7
8
9
10
11
12
TEST
VREF+
ANALOG
COMMON
CAZ
V+
D2
Normal Pin
Configuration
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
C2
B2
A2
F2
E2
D3
B3
F3
E3
AB4
(Minus Sign)
10s'
100s'
1000s'
(7106A/7107A)
100s'
OSC2
OSC3
VREF-
CREF-
CREF-
VIN+
VIN-
VBUFF
VINT
V-
G2
C3
A3
G3
BP/GND
POL
D1
C1
B1
A1
F1
G1
E1
1s'
27
26
25
24
23
7
8
9
10
11
NC
G2
NC
NC
TEST
OSC3
NC
OSC2
OSC1
V+
D1
C1
B1
12 13 14 15 16 17 18 19 20 21 22
38 37 36 35 34
TC7106ACKW
TC7107ACKW
39
40
41
42
43
44
28
29
30
31
32
33
6
5
4
3
2
1
C3
A3
G3
BP/GND
POL
AB4
E3
F3
B3
33
32
31
30
29
13
14
15
16
17
REF LO
CREF
F1
G1
E1
D2
C2
B2
A2
F2
E2
D2
18 19 20 21 22 23 24 25 26 27 28
44 43 42 41 40
TC7106ACLW
TC7107ACLW
1
2
3
4
5
6
34
35
36
37
38
39
12
11
10
9
8
7
CREF
COMMON
IN HI
NC
IN LO
A/Z
BUFF
INT
V-
40-Pin PDIP
44-Pin PLCC
44-Pin MQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com