Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM27X040-90PC Datasheet(PDF) 5 Page - Advanced Micro Devices

Part # AM27X040-90PC
Description  4 Megabit (512 K x 8-Bit) CMOS ExpressROM Device
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM27X040-90PC Datasheet(HTML) 5 Page - Advanced Micro Devices

  AM27X040-90PC Datasheet HTML 1Page - Advanced Micro Devices AM27X040-90PC Datasheet HTML 2Page - Advanced Micro Devices AM27X040-90PC Datasheet HTML 3Page - Advanced Micro Devices AM27X040-90PC Datasheet HTML 4Page - Advanced Micro Devices AM27X040-90PC Datasheet HTML 5Page - Advanced Micro Devices AM27X040-90PC Datasheet HTML 6Page - Advanced Micro Devices AM27X040-90PC Datasheet HTML 7Page - Advanced Micro Devices AM27X040-90PC Datasheet HTML 8Page - Advanced Micro Devices AM27X040-90PC Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Am27X040
5
ABSOLUTE MAXIMUM RATINGS
Storage Temperature
OTP Products. . . . . . . . . . . . . . . . . . –65
°C to +125°C
Ambient Temperature
with Power Applied. . . . . . . . . . . . . . –55
°C to +125°C
Voltage with Respect to VSS
All pins except VCC . . . . . . . . . –0.6 V to VCC + 0.6 V
VCC (Note 1). . . . . . . . . . . . . . . . . . . . . –0.6 V to 7.0 V
Note:
1. Minimum DC voltage on input or I/O pins –0.5 V. During
voltage transitions, the input may overshoot VSS to –2.0 V
for periods of up to 20 ns. Maximum DC voltage on input
and I/O pins is VCC + 5 V. During voltage transitions, input
and I/O pins may overshoot to VCC + 2.0 V for periods up
to 20 ns.
Stresses above those listed under “Absolute Maximum Rat-
ings” may cause permanent damage to the device. This is a
stress rating only; functional operation of the device at these
or any other conditions above those indicated in the opera-
tional sections of this specification is not implied. Exposure of
the device to absolute maximum ratings for extended periods
may affect device reliability.
OPERATING RANGES
Commercial (C) Devices
Ambient Temperature (TA) . . . . . . . . . . .0°C to +70°C
Industrial (I) Devices
Ambient Temperature (TA) . . . . . . . . .–40°C to +85°C
Supply Read Voltages
VCC for ± 10% devices . . . . . . . . . +4.50 V to +5.50 V
Operating ranges define those limits between which the func-
tionality of the device is guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com