Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM27X040-90PC Datasheet(PDF) 10 Page - Advanced Micro Devices

Part # AM27X040-90PC
Description  4 Megabit (512 K x 8-Bit) CMOS ExpressROM Device
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM27X040-90PC Datasheet(HTML) 10 Page - Advanced Micro Devices

Back Button AM27X040-90PC Datasheet HTML 2Page - Advanced Micro Devices AM27X040-90PC Datasheet HTML 3Page - Advanced Micro Devices AM27X040-90PC Datasheet HTML 4Page - Advanced Micro Devices AM27X040-90PC Datasheet HTML 5Page - Advanced Micro Devices AM27X040-90PC Datasheet HTML 6Page - Advanced Micro Devices AM27X040-90PC Datasheet HTML 7Page - Advanced Micro Devices AM27X040-90PC Datasheet HTML 8Page - Advanced Micro Devices AM27X040-90PC Datasheet HTML 9Page - Advanced Micro Devices AM27X040-90PC Datasheet HTML 10Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
Am27X040
REVISION SUMMARY FOR AM27X040
Revision D
Global
Changed formatting to match current data sheets.
Removed the 95, 100, 250, and 255 speed options,
added the 90 speed option
Absolute Maximum Ratings
Storage Temperature: Removed “All Other Products ...
–65
°C to +150°C”.
Operating Ranges
Supply Read Voltages: Deleted “VCC for ± 5% devices
. . .+4.75 V to +5.25 V”
Trademarks
Copyright © 1998 Advanced Micro Devices, Inc. All rights reserved.
AMD, the AMD logo, and combinations thereof are trademarks of Advanced Micro Devices, Inc.
Flashrite is a trademark of Advanced Micro Devices, Inc.
Product names used in this publication are for identification purposes only and may be trademarks of their respective companies.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com