Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2104FBD48 Datasheet(PDF) 30 Page - NXP Semiconductors

Part # LPC2104FBD48
Description  Single-chip 32-bit microcontrollers; 128 kB ISP/IAP flash with 16/32/64 kB RAM
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2104FBD48 Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button LPC2104FBD48 Datasheet HTML 26Page - NXP Semiconductors LPC2104FBD48 Datasheet HTML 27Page - NXP Semiconductors LPC2104FBD48 Datasheet HTML 28Page - NXP Semiconductors LPC2104FBD48 Datasheet HTML 29Page - NXP Semiconductors LPC2104FBD48 Datasheet HTML 30Page - NXP Semiconductors LPC2104FBD48 Datasheet HTML 31Page - NXP Semiconductors LPC2104FBD48 Datasheet HTML 32Page - NXP Semiconductors LPC2104FBD48 Datasheet HTML 33Page - NXP Semiconductors LPC2104FBD48 Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 41 page
background image
LPC2104_2105_2106_7
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 07 — 20 June 2008
30 of 41
NXP Semiconductors
LPC2104/2105/2106
Single-chip 32-bit microcontrollers
Test conditions: Active mode entered executing code from on-chip flash; PCLK = CCLK
⁄
4;
Tamb =25 °C; all peripherals enabled.
Fig 6.
Typical LPC2104/2105/2106/01 IDD(act) measured at different core voltages
Test conditions: Idle mode entered executing code from on-chip flash; PCLK = CCLK
⁄
4;
Tamb =25 °C; core voltage 1.8 V.
Fig 7.
Typical LPC2104/2105/2106/01 IDD(idle) measured at different frequencies
core voltage (V)
1.65
1.95
1.85
1.75
1.70
1.90
1.80
002aad710
20
40
60
IDD(act)
(mA)
0
12 MHz
48 MHz
60 MHz
frequency (MHz)
12
60
44
28
002aad711
5.0
10.0
15.0
IDD(idle)
(mA)
0.0
all peripherals enabled
all peripherals disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com