Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2104FBD48 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # LPC2104FBD48
Description  Single-chip 32-bit microcontrollers; 128 kB ISP/IAP flash with 16/32/64 kB RAM
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2104FBD48 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button LPC2104FBD48 Datasheet HTML 11Page - NXP Semiconductors LPC2104FBD48 Datasheet HTML 12Page - NXP Semiconductors LPC2104FBD48 Datasheet HTML 13Page - NXP Semiconductors LPC2104FBD48 Datasheet HTML 14Page - NXP Semiconductors LPC2104FBD48 Datasheet HTML 15Page - NXP Semiconductors LPC2104FBD48 Datasheet HTML 16Page - NXP Semiconductors LPC2104FBD48 Datasheet HTML 17Page - NXP Semiconductors LPC2104FBD48 Datasheet HTML 18Page - NXP Semiconductors LPC2104FBD48 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 41 page
background image
LPC2104_2105_2106_7
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 07 — 20 June 2008
15 of 41
NXP Semiconductors
LPC2104/2105/2106
Single-chip 32-bit microcontrollers
6.8 Pin function select register 1 (PINSEL1 - 0xE002 C004)
The PINSEL1 register controls the functions of the pins as per the settings listed in
Table 7. The direction control bit in the IODIR register is effective only when the GPIO
function is selected for a pin. For other functions direction is controlled automatically.
Remark: The primary JTAG port and the trace port can be selected only through the
DBGSEL pin at reset (Debug mode). Function control for the pins P0[31:17] is effective
only when the DBGSEL input is pulled LOW during reset.
27:26
P0.13
0
0
GPIO Port 0.13
0
0
1
DTR (UART 1)
1
0
Match 1.1 (Timer 1)
29:28
P0.14
0
0
GPIO Port 0.14
0
0
1
DCD (UART 1)
1
0
EINT1
31:30
P0.15
0
0
GPIO Port 0.15
0
0
1
RI (UART 1)
1
0
EINT2
Table 6.
Pin function select register 0 (PINSEL0 - 0xE002 C000) …continued
PINSEL0
Pin name
Value
Function
Value after reset
Table 7.
Pin function select register 1 (PINSEL1 - 0xE002 C004)
PINSEL1
Pin name
Value
Function
Value after
reset
1:0
P0.16
0
0
GPIO Port 0.16
0
0
1
EINT0
1
0
Match 0.2 (Timer 0)
3:2
P0.17
0
0
GPIO Port 0.17
0
0
1
Capture 1.2 (Timer 1)
5:4
P0.18
0
0
GPIO Port 0.18
0
0
1
Capture 1.3 (Timer 1)
7:6
P0.19
0
0
GPIO Port 0.19
0
0
1
Match 1.2 (Timer 1)
9:8
P0.20
0
0
GPIO Port 0.20
0
0
1
Match 1.3 (Timer 1)
11:10
P0.21
0
0
GPIO Port 0.21
0
0
1
PWM5
13:12
P0.22
0
0
GPIO Port 0.22
0
15:14
P0.23
0
0
GPIO Port 0.23
0
17:16
P0.24
0
0
GPIO Port 0.24
0
19:18
P0.25
0
0
GPIO Port 0.25
0
21:20
P0.26
0
0
GPIO Port 0.26
0
23:22
P0.27
0
0
GPIO Port 0.27
0
0
1
TRST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com