Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM28F010 Datasheet(PDF) 20 Page - Advanced Micro Devices

Part # AM28F010
Description  1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM28F010 Datasheet(HTML) 20 Page - Advanced Micro Devices

Back Button AM28F010 Datasheet HTML 16Page - Advanced Micro Devices AM28F010 Datasheet HTML 17Page - Advanced Micro Devices AM28F010 Datasheet HTML 18Page - Advanced Micro Devices AM28F010 Datasheet HTML 19Page - Advanced Micro Devices AM28F010 Datasheet HTML 20Page - Advanced Micro Devices AM28F010 Datasheet HTML 21Page - Advanced Micro Devices AM28F010 Datasheet HTML 22Page - Advanced Micro Devices AM28F010 Datasheet HTML 23Page - Advanced Micro Devices AM28F010 Datasheet HTML 24Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
20
Am28F010
Auto Select Command
AMD’s Flash memories are designed for use in applica-
tions where the local CPU alters memory contents. Ac-
cordingly, manufacturer and device codes must be
accessible while the device resides in the target sys-
tem. PROM programmers typically access the signa-
ture codes by raising A9 to a high voltage. However,
multiplexing high voltage onto address lines is not a
generally desired system design practice.
The device contains an Auto Select operation to sup-
plement traditional PROM programming methodology.
The operation is initiated by writing 80h or 90h into the
command register. Following this command, a read
cycle address 0000h retrieves the manufacturer code
of 01h. A read cycle from address 0001h returns the
device code. To terminate the operation, it is necessary
to write another valid command, such as Reset (FFh),
into the register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com