Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM28F010 Datasheet(PDF) 18 Page - Advanced Micro Devices

Part # AM28F010
Description  1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM28F010 Datasheet(HTML) 18 Page - Advanced Micro Devices

Back Button AM28F010 Datasheet HTML 14Page - Advanced Micro Devices AM28F010 Datasheet HTML 15Page - Advanced Micro Devices AM28F010 Datasheet HTML 16Page - Advanced Micro Devices AM28F010 Datasheet HTML 17Page - Advanced Micro Devices AM28F010 Datasheet HTML 18Page - Advanced Micro Devices AM28F010 Datasheet HTML 19Page - Advanced Micro Devices AM28F010 Datasheet HTML 20Page - Advanced Micro Devices AM28F010 Datasheet HTML 21Page - Advanced Micro Devices AM28F010 Datasheet HTML 22Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
18
Am28F010
Figure 4.
AC Waveforms for Programming Operations
ANALYSIS OF PROGRAM TIMING WAVEFORMS
Program Setup/Program
Two-cycle write commands are required for program
operations (section A and B). The first program com-
mand (40h) is a Setup command and does not affect
the array data (section A). The second program com-
mand latches address and data required for program-
ming on the falling and rising edge of WE# respectively
(section B). The rising edge of this WE# pulse (section
B) also initiates the programming pulse. The device is
programmed on a byte by byte basis either sequentially
or randomly.
The program pulse occurs in section C.
Time-Out
A software timing routine (10 µs duration) must be initi-
ated on the rising edge of the WE# pulse of section B.
Note: An integrated stop timer prevents any possibility
of overprogramming by limiting each time-out period of
10 µs.
Program-Verify
Upon completion of the program timing routine, the mi-
croprocessor must write the program-verify command
(C0h). This command terminates the programming op-
eration on the rising edge of the WE# pulse (section D).
The program-verify command also stages the device
for data verification (section F). Another software timing
Addresses
CE
#
OE
#
WE
#
Data
VPP
VCC
11559G-9
Data
In
20h
Section
A0h
Data
Out
Bus Cycle
Write
Write
Time-out
Write
Time-out
Read
Standby
Command
40h
Program
Address,
Program Data
N/A
C0h
(Stops
Program)
N/A
Compare
Data
N/A
Function
Program
Setup
Program
Command
Latch
Address and
Data
Program
(10
µs)
Program
Verify
Transition
(6
µs)
Program
Verification
Proceed per
Programming
Algorithm
AB
D
E
F
CG
A
B
DE
F
CG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com