Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF005M Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DF005M
Description  1.0A GLASS PASSIVATED BRIDGE RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DF005M Datasheet(HTML) 1 Page - Diodes Incorporated

  DF005M Datasheet HTML 1Page - Diodes Incorporated DF005M Datasheet HTML 2Page - Diodes Incorporated DF005M Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DF005M - DF10M
1.0A GLASS PASSIVATED BRIDGE RECTIFIERS
Features
•
Glass Passivated Die Construction
•
Low Forward Voltage Drop, High Current Capability
•
Surge Overload Rating to 50A Peak
•
Designed for Printed Circuit Board Applications
•
UL Listed Under Recognized Component Index, File
Number E94661
•
Lead Free Finish, RoHS Compliant (Date Code 0532+)
(Note 3)
Mechanical Data
•
Case: DF-M
•
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020C
•
Terminals: Finish - Tin. Solder Plated Leads,
Solderable per MIL-STD-202, Method 208
•
Polarity: As Marked on Case
•
Marking Information: Type Number, See Page 3
•
Weight: 0.38 grams (approximate)
DF-M
Dim
Min
Max
A
7.40
7.90
B
6.20
6.50
C
0.22
0.30
D
1.27
2.03
E
7.60
8.90
G
3.81
4.69
H
8.13
8.51
J
2.40
3.40
K
5.00
5.20
L
0.46
0.58
All Dimensions in mm
E
H
L
K
A
D
C
G
B
J
Maximum Ratings and Electrical Characteristics
@TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
DF
005M
DF
01M
DF
02M
DF
04M
DF
06M
DF
08M
DF
10M
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRMM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VRMS
35
70
140
280
420
580
700
V
Average Rectified Output Current
@ TA = 40°C
IO
1.0
A
Non-Repetitive Peak Forward Surge Current, 8.3 ms
Single Half Sine-Wave Superimposed on Rated Load
IFSM
50
A
Forward Voltage (per element)
@ IF = 1.0 A
VFM
1.1
V
Peak Reverse Current
@ TA = 25°C
at Rated DC Blocking Voltage (per element)
@ TA = 125°C
IRM
10
500
µA
I
2t Rating for Fusing (t<8.3ms)
I
2t
10.4
A
2s
Typical Total Capacitance per element
(Note 1)
CT
25
pF
Typical Thermal Resistance, Junction to Ambient
(Note 2)
RθJA
40
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Notes:
1. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
2. Thermal Resistance, junction to ambient, measured on PC board with 5.0mm
2 (0.03mm thick) land areas.
3. R
οHS revision 13.2.2003. Glass and high temperature solder exemptions applied, see EU Directive Annex Notes 5 and 7.
DS21201 Rev. 15 - 2
1 of 3
www.diodes.com
DF005M-DF10M
© Diodes Incorporated


Similar Part No. - DF005M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DF005M FAIRCHILD-DF005M Datasheet
33Kb / 2P
1.5 Ampere Bridge Rectifiers
logo
Diodes Incorporated
DF005M DIODES-DF005M Datasheet
61Kb / 2P
1.0A GLASS PASSIVATED BRIDGE RECTIFIERS
DS21201 Rev. H-2
logo
Fuji Electric
DF005M FUJI-DF005M Datasheet
660Kb / 1P
1 AMP GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
General Semiconductor
DF005M GE-DF005M Datasheet
93Kb / 2P
MINIATURE GLASS PASSIVATED SINGLE-PHASE-BRIDGE RECTIFIER
logo
Comchip Technology
DF005M COMCHIP-DF005M Datasheet
41Kb / 2P
Single-Phase Bridge Rectifiers
More results

Similar Description - DF005M

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
DF005 WTE-DF005 Datasheet
50Kb / 3P
1.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
DB101 DIODES-DB101 Datasheet
61Kb / 2P
1.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21211 Rev. C-3
DF005M DIODES-DF005M Datasheet
61Kb / 2P
1.0A GLASS PASSIVATED BRIDGE RECTIFIERS
DS21201 Rev. H-2
DF005M DIODES-DF005M_1 Datasheet
87Kb / 3P
1.0A GLASS PASSIVATED BRIDGE RECTIFIERS
DS21201 Rev. 14 - 2
logo
TAITRON Components Inco...
DF005M TAITRON-DF005M Datasheet
145Kb / 4P
1.0A Glass Passivated Bridge Rectifier
logo
Diodes Incorporated
DF005M DIODES-DF005M_2 Datasheet
106Kb / 3P
1.0A GLASS PASSIVATED BRIDGE RECTIFIERS
DS21201 Rev. 15 - 2
DF005M DIODES-DF005M_15 Datasheet
106Kb / 3P
1.0A GLASS PASSIVATED BRIDGE RECTIFIERS
Rev erse
logo
Zibo Seno Electronic En...
DB101 ZSELEC-DB101 Datasheet
73Kb / 2P
1.0A GLASS PASSIVATED BRIDGE RECTIFIER
DI100 ZSELEC-DI100 Datasheet
116Kb / 2P
1.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
DB102 YFWDIODE-DB102 Datasheet
438Kb / 3P
1.0A GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com