Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ28261 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MPQ28261
Description  21V, 3A, 500kHz Synchronous Step-Down Coverter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ28261 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MPQ28261 Datasheet HTML 9Page - Monolithic Power Systems MPQ28261 Datasheet HTML 10Page - Monolithic Power Systems MPQ28261 Datasheet HTML 11Page - Monolithic Power Systems MPQ28261 Datasheet HTML 12Page - Monolithic Power Systems MPQ28261 Datasheet HTML 13Page - Monolithic Power Systems MPQ28261 Datasheet HTML 14Page - Monolithic Power Systems MPQ28261 Datasheet HTML 15Page - Monolithic Power Systems MPQ28261 Datasheet HTML 16Page - Monolithic Power Systems MPQ28261 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
MPQ28261 – 21V, 3A, 500kHz SYNCHRONOUS STEP-DOWN CONVERTER
MPQ28261 Rev. 1.12
www.MonolithicPower.com
13
10/10/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
after a delay. The PG delay time is about 1/4 of
SS time. If VFB falls below 80% of the reference
voltage, PG pin is pulled down to ground by an
internal MOSFET.
External Soft-Start
Connecting a capacitor from the soft-start (SS)
pin to ground adjusts the SS time. During SS
initiation, an internal 12µA current source
charges the external capacitor. The SS pin
connects internally to the non-inverting input of
the error amplifier. The SS continues to charge
until the voltage on the SS capacitor exceeds
the 0.6V reference voltage. Then the reference
voltage functions as the non-inverting input of
the error amplifier. The following equation
estimates the SS time:
SS
SS
0.6V C (nF)
t(ms)
12 A
×
=
μ
Table 1 lists SS times with different external
capacitor values. If the output capacitor is large,
use a large SS capacitor to ensure proper
device start-up.
Table 1: Soft Start Time vs. Capacitor Value
tSS (ms)
CSS (nF)
0.5
10
1.65
33
2.35
47
3.4
68
5
100
If the output of the MPQ28261 is pre-biased to
a certain voltage during startup, the IC will
disable switching on both the HS-FET and LS-
FET until the voltage on the internal SS
capacitor exceeds the sensed output VFB, as
Figure 2 shows.
Pre-bias
EN
SS
SW
FB
Vref takes
control after SS
Figure 2: Pre-Biased Soft-Start
Over-Current Protection
The MPQ28261 has hiccup over-current limit
protection for when the inductor current peak
value exceeds the set current limit threshold:
hiccup occurs when the output voltage drops
below 70% of the reference voltage and the
inductor current exceeds the current limit. This
is especially useful to ensure system safety
under fault conditions. The hiccup function is
enabled during SS duration.
IINDUCTOR
VOUT
0A
0V
Current Limit
t
Figure 3: Over-Current Behavior in Hiccup
Figure 3 shows the hiccup function. After the
hiccup occurs, the SS pin voltage goes low and
MPQ28261 begins SS shortly after. During the
SS period, if the inductor current hits current
limit and the output voltage is less than 70% of
the reference, the SS voltage will go low.
Thermal Shutdown
Thermal shutdown prevents the chip from
operating at exceedingly high temperatures.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com