Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ28261 Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MPQ28261
Description  21V, 3A, 500kHz Synchronous Step-Down Coverter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ28261 Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MPQ28261 Datasheet HTML 12Page - Monolithic Power Systems MPQ28261 Datasheet HTML 13Page - Monolithic Power Systems MPQ28261 Datasheet HTML 14Page - Monolithic Power Systems MPQ28261 Datasheet HTML 15Page - Monolithic Power Systems MPQ28261 Datasheet HTML 16Page - Monolithic Power Systems MPQ28261 Datasheet HTML 17Page - Monolithic Power Systems MPQ28261 Datasheet HTML 18Page - Monolithic Power Systems MPQ28261 Datasheet HTML 19Page - Monolithic Power Systems MPQ28261 Datasheet HTML 20Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
MPQ28261 – 21V, 3A, 500kHz SYNCHRONOUS STEP-DOWN CONVERTER
MPQ28261 Rev. 1.12
www.MonolithicPower.com
16
10/10/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
Selecting the Input Capacitor
The MPQ28261 requires an input capacitor (C1) to
supply the AC current to the step-down
converter while maintaining the DC input
voltage, because the input current to the step-
down
converter
is
discontinuous.
Use
capacitors with low equivalent series resistance
(ESR)—such as ceramic capacitors with X5R or
X7R dielectrics with low ESR and small
temperature coefficients. For most applications,
use a 22µF capacitor.
Since C1 absorbs the input switching current, it
must withstand significant ripple current. The
RMS current in the input capacitor can be
estimated by:
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
×
−
×
=
IN
OUT
IN
OUT
LOAD
1
C
V
V
1
V
V
I
I
The worse case condition occurs at VIN = 2VOUT,
where:
2
I
I
LOAD
1
C =
For simplification, choose an input capacitor
with an RMS current rating greater than half of
the maximum load current.
The input capacitor can be electrolytic, tantalum
or ceramic. Include a small ceramic capacitor
with a value of ~0.1µF as close to the IC as
possible when using electrolytic or tantalum
capacitors.
Use
sufficiently-large
ceramic
capacitors that can provide sufficient charge to
prevent excessive voltage ripple. The capacitor-
induced input voltage ripple can be estimated
by:
LOAD
OUT
OUT
IN
IN
SIN
IV
V
V1
fC1
V
V
⎛⎞
Δ=
×
× −
⎜⎟
×
⎝⎠
Selecting the Output Capacitor
The output capacitor (C2) maintains the DC
output voltage. Use ceramic, tantalum, or low-
ESR electrolytic capacitors to minimize the
output voltage. The output voltage ripple can be
estimated as:
OUT
OUT
OUT
ESR
SIN
S
VV
1
V1
R
fL1
V
8 f
C2
⎛⎞
⎛⎞
Δ=
× −
×
+
⎜⎟
⎜⎟
×× ×
⎝⎠ ⎝⎠
Where L1 is the inductor value and RESR is the
ESR value of the output capacitor.
For
ceramic
capacitors,
the
capacitor
dominates the impedance at the switching
frequency, and subsequently dominates the
output voltage ripple. For simplicity, the output
voltage ripple can be estimated as:
OUT
OUT
OUT
2
SIN
VV
ΔV1
8f
L1 C2
V
⎛⎞
=× −
⎜⎟
×× ×
⎝⎠
For tantalum or electrolytic capacitors, the ESR
dominates the impedance at the switching
frequency. Subsequently, the output ripple can
be approximated as:
OUT
OUT
OUT
ESR
IN
S
VV
ΔV1
R
fL1
V
⎛⎞
=× −
×
⎜⎟
×
⎝⎠
The characteristics of the output capacitor also
affect the system regulation stability. The
MPQ28261 can be optimized for a wide range
of capacitances and ESR values.
The maximum capacitance is 1100μF. (Tested
on Chroma 63030, CCH mode, 3A load current,
soft start capacitor is 100nF, VOUT=5V).
External Bootstrap Diode
An external bootstrap diode may enhance the
efficiency of the regulator under the following
applicable conditions:
VOUT is 5V or 3.3V; and
Duty cycle is high: D=
IN
OUT
V
V
>65%
In these cases, an external BST diode is
recommended from the VCC pin to BST pin, as
shown in Figure 6.
MPQ28261
SW
BST
C
L
VCC
BST
COUT
External BST Diode
IN4148
+
Figure 6: Add Optional External Bootstrap Diode
to Enhance Efficiency
The recommended external BST diode is
IN4148 where the BST capacitor value is
between 0.1 and 1μF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com