Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F040 Datasheet(PDF) 26 Page - Advanced Micro Devices

Part # AM29F040
Description  4 Megabit (524,288 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F040 Datasheet(HTML) 26 Page - Advanced Micro Devices

Back Button AM29F040 Datasheet HTML 22Page - Advanced Micro Devices AM29F040 Datasheet HTML 23Page - Advanced Micro Devices AM29F040 Datasheet HTML 24Page - Advanced Micro Devices AM29F040 Datasheet HTML 25Page - Advanced Micro Devices AM29F040 Datasheet HTML 26Page - Advanced Micro Devices AM29F040 Datasheet HTML 27Page - Advanced Micro Devices AM29F040 Datasheet HTML 28Page - Advanced Micro Devices AM29F040 Datasheet HTML 29Page - Advanced Micro Devices AM29F040 Datasheet HTML 30Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 33 page
background image
26
Am29F040
AC CHARACTERISTICS
Write/Erase/Program Operations
Alternate CE Controlled Writes
Notes:
1. This does not include the preprogramming time.
2. Not 100% tested.
Parameter Symbols
Description
Speed Options
Unit
JEDEC
Standard
-55
-70
-90
-120
-150
tAVAV
tWC
Write Cycle Time (Note 2)
Min
55
70
90
120
150
ns
tAVEL
tAS
Address Setup Time
Min
00000
ns
tELAX
tAH
Address Hold Time
Min
40
45
45
50
50
ns
tDVEH
tDS
Data Setup Time
Min
25
30
45
50
50
ns
tEHDX
tDH
Data Hold Time
Min
00000
ns
tOES
Output Enable Setup Time
Min
00000
ns
tOEH
Output
Enable
Hold
Time
Read (Note 2)
Min
00000
ns
Toggle and Data Polling
(Note 2)
Min
10
10
10
10
10
ns
tGHEL
tGHEL
Read Recover Time Before Write
Min
00000
ns
tWLEL
tWS
WE Setup Time
Min
00000
ns
tEHWH
tWH
WE Hold Time
Min
00000
ns
tELEH
tCP
CE Pulse Width
Min
30
35
45
50
50
ns
tEHEL
tCPH
CE Pulse Width High
Min
20
20
20
20
20
ns
tWHWH1
tWHWH1
Byte Programming Operation
Typ
77777
µs
tWHWH2
tWHWH2
Sector Erase Operation (Note 1)
Typ
11111
sec
Max
88888
sec
tWHWH3
tWHWH3
Chip Erase Operation (Note 1)
Typ
88888
sec
Max
64
64
64
64
64
sec
tVCS
VCC Setup Time (Note 2)
Min
30
50
50
50
50
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com